Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC16F753 Fiches technique(PDF) 114 Page - Microchip Technology

No de pièce PIC16F753
Description  14/16-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F753 Fiches technique(HTML) 114 Page - Microchip Technology

Back Button PIC16F753 Datasheet HTML 110Page - Microchip Technology PIC16F753 Datasheet HTML 111Page - Microchip Technology PIC16F753 Datasheet HTML 112Page - Microchip Technology PIC16F753 Datasheet HTML 113Page - Microchip Technology PIC16F753 Datasheet HTML 114Page - Microchip Technology PIC16F753 Datasheet HTML 115Page - Microchip Technology PIC16F753 Datasheet HTML 116Page - Microchip Technology PIC16F753 Datasheet HTML 117Page - Microchip Technology PIC16F753 Datasheet HTML 118Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 230 page
background image
PIC16F753/HV753
DS40001709C-page 114
 2013-2015 Microchip Technology Inc.
TABLE 12-2:
SUMMARY OF ASSOCIATED ADC REGISTERS
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register
on Page
ADCON0
ADFM
—
CHS<3:0>
GO/DONE
ADON
109
ADCON1
—ADCS<2:0>
—
—
—
ADPREF1
110
ANSELA
—
—
—
ANSA4
—
ANSA2
ANSA1
ANSA0
44
ADRESH(2)
Most Significant eight bits of the left shifted A/D result or two bits of the right shifted result
111*
ADRESL(2)
Least Significant two bits of the left shifted result or eight bits of the right shifted result
109*
PORTA
—
—
RA5
RA4
RA3
RA2
RA1
RA0
43
INTCON
GIE
PEIE
T0IE
INTE
IOCIE
T0IF
INTF
IOCIF
17
PIE1
TMR1GIE
ADIE
—
—
HLTMR2IE
HLTMR1IE
TMR2IE
TMR1IE
18
PIR1
TMR1GIF
ADIF
—
—
HLTMR2IF
HLTMR1IF
TMR2IF
TMR1IF
20
TRISA
—
—
TRISA5
TRISA4
TRISA3(1)
TRISA2
TRISA1
TRISA0
43
Legend:
x
= unknown, u = unchanged, — = unimplemented read as ‘0’. Shaded cells are not used for ADC module.
*
Page provides register information.
Note
1:
TRISA3 always reads ‘1’.
2:
Read-only register.