Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC16F753 Fiches technique(PDF) 216 Page - Microchip Technology

No de pièce PIC16F753
Description  14/16-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F753 Fiches technique(HTML) 216 Page - Microchip Technology

Back Button PIC16F753 Datasheet HTML 212Page - Microchip Technology PIC16F753 Datasheet HTML 213Page - Microchip Technology PIC16F753 Datasheet HTML 214Page - Microchip Technology PIC16F753 Datasheet HTML 215Page - Microchip Technology PIC16F753 Datasheet HTML 216Page - Microchip Technology PIC16F753 Datasheet HTML 217Page - Microchip Technology PIC16F753 Datasheet HTML 218Page - Microchip Technology PIC16F753 Datasheet HTML 219Page - Microchip Technology PIC16F753 Datasheet HTML 220Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 230 page
background image
PIC16F753/HV753
DS40001709C-page 216
 2013-2015 Microchip Technology Inc.
24.2
Package Marking Information
Legend:
XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC® designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will be
carried over to the next line, thus limiting the number of available characters for
customer-specific information.
3
e
3
e
14-Lead TSSOP (4.4 mm)
Example
YYWW
NNN
XXXXXXXX
16-Lead QFN (4x4x0.9 mm)
Example
PIN 1
PIN 1
1306
306017
753/ST
017
-I/ML
PIC16
F753



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More