| Moteur de recherche de fiches techniques de composants électroniques |
|
PIC12LF1501 Fiches technique(PDF) 289 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC12LF1501 Fiches technique(HTML) 289 Page - Microchip Technology |
|
289 / 352 page ![]() 2011-2015 Microchip Technology Inc. DS40001607D-page 289 PIC16(L)F1503 FIGURE 28-16: SPI SLAVE MODE TIMING (CKE = 0) FIGURE 28-17: SPI SLAVE MODE TIMING (CKE = 1) SS SCK (CKP = 0) SCK (CKP = 1) SDO SDI SP70 SP71 SP72 SP73 SP74 SP75, SP76 SP77 SP78 SP79 SP80 SP79 SP78 MSb LSb bit 6 - - - - - -1 MSb In bit 6 - - - -1 LSb In SP83 Note: Refer to Figure 28-4 for load conditions. SS SCK (CKP = 0) SCK (CKP = 1) SDO SDI SP70 SP71 SP72 SP82 SP74 SP75, SP76 MSb bit 6 - - - - - -1 LSb SP77 MSb In bit 6 - - - -1 LSb In SP80 SP83 Note: Refer to Figure 28-4 for load conditions. |