| Moteur de recherche de fiches techniques de composants électroniques |
|
PIC12LF1501 Fiches technique(PDF) 288 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC12LF1501 Fiches technique(HTML) 288 Page - Microchip Technology |
|
288 / 352 page ![]() PIC16(L)F1503 DS40001607D-page 288 2011-2015 Microchip Technology Inc. FIGURE 28-14: SPI MASTER MODE TIMING (CKE = 0, SMP = 0) FIGURE 28-15: SPI MASTER MODE TIMING (CKE = 1, SMP = 1) SS SCK (CKP = 0) SCK (CKP = 1) SDO SDI SP81 SP71 SP72 SP73 SP74 SP75, SP76 SP78 SP79 SP80 SP79 SP78 MSb LSb bit 6 - - - - - -1 MSb In LSb In bit 6 - - - -1 Note: Refer to Figure 28-4 for load conditions. SS SCK (CKP = 0) SCK (CKP = 1) SDO SDI SP81 SP71 SP72 SP74 SP75, SP76 SP78 SP80 MSb SP79 SP73 MSb In bit 6 - - - - - -1 LSb In bit 6 - - - -1 LSb Note: Refer to Figure 28-4 for load conditions. |