| Moteur de recherche de fiches techniques de composants électroniques |
|
ADS5281IPFPR Fiches technique(PDF) 23 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
ADS5281IPFPR Fiches technique(HTML) 23 Page - Texas Instruments |
|
23 / 41 page ![]() www.ti.com BIT CLOCK PROGRAMMABILITY ADCLK P LCLK P OUT P PHASE_DDR<1:0>= '00' PHASE_DDR<1:0>= '01' PHASE_DDR<1:0>= '10' PHASE_DDR<1:0>= '11' ADCLK P LCLK P OUT P ADCLK P LCLK P OUT P ADCLK P LCLK P OUT P ADCLK P LCLK P OUT P ADS5281 ADS5282 SBAS397E – DECEMBER 2006 – REVISED JANUARY 2008 The output interface of the ADS528x is normally a DDR interface, with the LCLK rising edge and falling edge transitions in the middle of alternate data windows. This default phase is shown in Figure 1. Figure 1. Default Phase of LCLK The phase of LCLK can be programmed relative to the output frame clock and data using bits PHASE_DDR<1:0>. The LCLK phase modes are shown in Figure 2. Figure 2. Phase Programmability Modes for LCLK Copyright © 2006–2008, Texas Instruments Incorporated Submit Documentation Feedback 23 Product Folder Link(s): ADS5281 ADS5282 |