Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MMF50SCRG1M Fiches technique(PDF) 8 Page - YAGEO Corporation

No de pièce MMF50SCRG1M
Description  MELF METAL FILM RESISTORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  YAGEO [YAGEO Corporation]
Site Internet  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

MMF50SCRG1M Fiches technique(HTML) 8 Page - YAGEO Corporation

  MMF50SCRG1M Datasheet HTML 1Page - YAGEO Corporation MMF50SCRG1M Datasheet HTML 2Page - YAGEO Corporation MMF50SCRG1M Datasheet HTML 3Page - YAGEO Corporation MMF50SCRG1M Datasheet HTML 4Page - YAGEO Corporation MMF50SCRG1M Datasheet HTML 5Page - YAGEO Corporation MMF50SCRG1M Datasheet HTML 6Page - YAGEO Corporation MMF50SCRG1M Datasheet HTML 7Page - YAGEO Corporation MMF50SCRG1M Datasheet HTML 8Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
www.yageo.com
Feb. 08, 2023 V.0
Melf Metal Film Resistors
8
8
Product Specification
MMF
Through Hole Resistors
LEGAL DISCLAIMER
Yageo, its distributors and agents (collectively, “Yageo”), hereby disclaims any and all liabilities for any errors,
inaccuracies or incompleteness contained in any product related information, including but not limited to product
specifications, datasheets, pictures and/or graphics. Yageo may make changes, modifications and/or
improvements to product related information at any time and without notice.
Yageo makes no representation, warranty, and/or guarantee about the fitness of its products for any particular
purpose or the continuing production of any of its products. To the maximum extent permitted by law, Yageo
disclaims (i) any and all liability arising out of the application or use of any Yageo product, (ii) any and all liability,
including without limitation special, consequential or incidental damages, and (iii) any and all implied warranties,
including warranties of fitness for a particular purpose, non-infringement and merchantability.
Yageo statements regarding the suitability of products for certain types of applications are based on Yageo’s
knowledge of typical operating conditions for such types of applications in a generic nature. Such statements are
neither binding statements of Yageo nor intended to constitute any warranty concerning the suitability for a specific
customer application or use. They are intended for use only by customers with requisite knowledge and experience
for determining whether Yageo products are the correct products for their application or use. In addition,
unpredicatable and isolated cases of product failure may still occur, therefore, customer application or use of Yageo
products which requires higher degree of reliability or safety, shall employ additional protective safeguard
measures to ensure that product failure would not result in personal injury or property damage.
Yageo products are not designed for application or use in medical, life-saving, or life-sustaining devices or for any
other application or use in which the failure of Yageo products could result in personal injury or death. Customers
using or selling Yageo products not expressly indicated for above-mentioned purposes shall do so at their own risk
and agree to fully indemnify Yageo and hold Yageo harmless.
Information provided here is intended to indicate product specifications only. Yageo reserves all the rights for revising this
content without further notification, as long as products are unchanged. Any product change will be announced by PCN.



Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com