| Moteur de recherche de fiches techniques de composants électroniques |
|
QMS8ST Fiches technique(PDF) 2 Page - Qualwave Inc. All rights reserved. |
|
|
|||||||||||||||||||||||||||||
QMS8ST Fiches technique(HTML) 2 Page - Qualwave Inc. All rights reserved. |
|
2 / 2 page ![]() Coaxial Switches Qualwave Inc. +86-28-6115-4929 sales@qualwave.com www.qualwave.com Rev 2.1 2 Pin Numbering Normally Open Pin Function Pin Function 1~8 V1~V8 18 Indicator (Com) 9 COM 19 VDC 10~17 Indicator (1~8) 20~26 NC Normally Open & TTL Pin Function Pin Function 1~8 A1~A8 11~18 Indicator (1~8) 9 VDC 19 Indicator (Com) 10 COM 20~26 NC Latching Pin Function Pin Function 1~8 V1~V8 19 Indicator (Com) 9 VDC (RESET) 20 VDC 10 COM 21~26 NC 11~18 Indicator (1~8) Latching switch should power on pin n 9 to reset before excitation. Latching & TTL Pin Function Pin Function 1~8 A1~A8 12~19 Indicator (1~8) 9 TTL (RESET) 20 Indicator (Com) 10 VDC 21~26 NC 11 COM Driving Schematic Diagram |