Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TLC25L2ACD Fiches technique(PDF) 2 Page - Texas Instruments

No de pièce TLC25L2ACD
Description  LinCMOS DUAL OPERATIONAL AMPLIFIERS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI2 [Texas Instruments]
Site Internet  https://www.ti.com
Logo TI2 - Texas Instruments

TLC25L2ACD Fiches technique(HTML) 2 Page - Texas Instruments

  TLC25L2ACD Datasheet HTML 1Page - Texas Instruments TLC25L2ACD Datasheet HTML 2Page - Texas Instruments TLC25L2ACD Datasheet HTML 3Page - Texas Instruments TLC25L2ACD Datasheet HTML 4Page - Texas Instruments TLC25L2ACD Datasheet HTML 5Page - Texas Instruments TLC25L2ACD Datasheet HTML 6Page - Texas Instruments TLC25L2ACD Datasheet HTML 7Page - Texas Instruments TLC25L2ACD Datasheet HTML 8Page - Texas Instruments TLC25L2ACD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
TLC252, TLC252A, TLC252B, TLC252Y, TLC25L2, TLC25L2A, TLC25L2B
TLC25L2Y, TLC25M2, TLC25M2A, TLC25M2B, TLC25M2Y
LinCMOS
 DUAL OPERATIONAL AMPLIFIERS
SLOS002I – JUNE 1983 – REVISED MARCH 2001
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
description (continued)
Because of the extremely high input impedance and low input bias and offset currents, applications for the
TLC252 / 25_2 series include many areas that have previously been limited to BIFET and NFET product types.
Any circuit using high-impedance elements and requiring small offset errors is a good candidate for
cost-effective use of these devices. Many features associated with bipolar technology are available with
LinCMOS
 operational amplifiers without the power penalties of traditional bipolar devices. General
applications such as transducer interfacing, analog calculations, amplifier blocks, active filters, and signal
buffering are all easily designed with the TLC252 / 25_2 series devices. Remote and inaccessible equipment
applications are possible using their low-voltage and low-power capabilities. The TLC252 / 25_2 series is well
suited to solve the difficult problems associated with single-battery and solar-cell-powered applications. This
series includes devices that are characterized for the commercial temperature range and are available in 8-pin
plastic dip and the small-outline package. The device is also available in chip form.
The TLC252 / 25_2 series is characterized for operation from 0
°C to 70°C.
equivalent schematic (each amplifier)
ESD-
Protective
Network
ESD-
Protective
Network
VDD
IN +
IN –
VDD – /GND
OUT
8
3, 5
2, 6
4
1, 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27