| Moteur de recherche de fiches techniques de composants électroniques |
|
TLC320AD50C/I Fiches technique(PDF) 25 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TLC320AD50C/I Fiches technique(HTML) 25 Page - Texas Instruments |
|
25 / 54 page ![]() 2–10 Data values from 1 to 17 should not be used. CLKOUT DR DX MCLK DOUT DIN FSD CLKX CLKR SCLK FSX FSR FS SCLK DOUT FS SCLK DOUT FS DIN MCLK FSD DIN MCLK FSD Master TMS320C5X TMS320C2X TMS320C54X Slave 1 Slave 2 SCLK DOUT FS DIN MCLK Slave 3 M/S M/S M/S M/S DVDD Figure 2–12. Master With Slaves (To DSP Interface) PP P P S 128 SCLKs S Master FS Master FSD Slave 1 FS S Delay 1 Delay 2 Delay 3 Delay 4 Slave 1 FSD Slave 2 FS Slave 2 FSD Slave 3 FS Slave 3 FSD (see Note A) M S1S2 S3M S1 NOTE A: Slave 3 FSD cannot be used. Figure 2–13. Master-Slave Frame-Sync Timing After A Delay Has Been Programmed Into The FSD Register (D0–D5 of Control 3 Register) |