Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F427IIY7 Fiches technique(PDF) 184 Page - STMicroelectronics

No de pièce STM32F427IIY7
Description  ARM Cortex-M4 32b MCUFPU, 225DMIPS, up to 2MB Flash/2564KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 20 comm. interfaces, camera & LCD-TFT
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F427IIY7 Fiches technique(HTML) 184 Page - STMicroelectronics

Back Button STM32F427IIY7 Datasheet HTML 180Page - STMicroelectronics STM32F427IIY7 Datasheet HTML 181Page - STMicroelectronics STM32F427IIY7 Datasheet HTML 182Page - STMicroelectronics STM32F427IIY7 Datasheet HTML 183Page - STMicroelectronics STM32F427IIY7 Datasheet HTML 184Page - STMicroelectronics STM32F427IIY7 Datasheet HTML 185Page - STMicroelectronics STM32F427IIY7 Datasheet HTML 186Page - STMicroelectronics STM32F427IIY7 Datasheet HTML 187Page - STMicroelectronics STM32F427IIY7 Datasheet HTML 188Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 231 page
background image
Electrical characteristics
STM32F427xx STM32F429xx
184/231
DocID024030 Rev 6
SDRAM waveforms and timings
Figure 73. SDRAM read access waveforms (CL = 1)
Table 101. Switching characteristics for NAND Flash write cycles(1)
1. CL = 30 pF.
Symbol
Parameter
Min
Max
Unit
tw(NWE)
FMC_NWE low width
4THCLK
4THCLK+1
ns
tv(NWE-D)
FMC_NWE low to FMC_D[15-0] valid
0
-
ns
th(NWE-D)
FMC_NWE high to FMC_D[15-0] invalid
3THCLK − 1-
ns
td(D-NWE)
FMC_D[15-0] valid before FMC_NWE high
5THCLK − 3-
ns
td(ALE-NWE)
FMC_ALE valid before FMC_NWE low
-
3THCLK−0.5 ns
th(NWE-ALE)
FMC_NWE high to FMC_ALE invalid
3THCLK − 1-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More