| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F427IIY7 Fiches technique(PDF) 61 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F427IIY7 Fiches technique(HTML) 61 Page - STMicroelectronics |
|
61 / 231 page ![]() DocID024030 Rev 6 61/231 STM32F427xx STM32F429xx Pinouts and pin description 83 58 80 H10 N14 99 K2 111 N10 PD11 I/O FT USART3_CTS, FMC_A16, EVENTOUT 59 81 J13 N13 100 H6 112 M10 PD12 I/O FT TIM4_CH1, USART3_RTS, FMC_A17, EVENTOUT 60 82 K12 M15 101 H5 113 M11 PD13 I/O FT TIM4_CH2, FMC_A18, EVENTOUT -83 - - 102 - 114 J10 VSS S - 84 F7 J13 103 L1 115 J11 VDD S 61 85 H11 M14 104 J2 116 L12 PD14 I/O FT TIM4_CH3, FMC_D0, EVENTOUT 62 86 J12 L14 105 K1 117 K13 PD15 I/O FT TIM4_CH4, FMC_D1, EVENTOUT - - - - - - 118 K12 PJ6 I/O FT LCD_R7, EVENTOUT - - - - - - 119 J12 PJ7 I/O FT LCD_G0, EVENTOUT - - - - - - 120 H12 PJ8 I/O FT LCD_G1, EVENTOUT - - - - - - 121 J13 PJ9 I/O FT LCD_G2, EVENTOUT - - - - - - 122 H13 PJ10 I/O FT LCD_G3, EVENTOUT - - - - - - 123 G12 PJ11 I/O FT LCD_G4, EVENTOUT -- - - - - 124 H11 VDD I/O FT - - - - - - 125 H10 VSS I/O FT - - - - - - 126 G13 PK0 I/O FT LCD_G5, EVENTOUT - - - - - - 127 F12 PK1 I/O FT LCD_G6, EVENTOUT - - - - - - 128 F13 PK2 I/O FT LCD_G7, EVENTOUT - 87 H13 L15 106 J1 129 M13 PG2 I/O FT FMC_A12, EVENTOUT -88 NC (2) K15 107 G3 130 M12 PG3 I/O FT FMC_A13, EVENTOUT - 89 H12 K14 108 G5 131 N12 PG4 I/O FT FMC_A14/FMC_BA0, EVENTOUT - 90 G13 K13 109 G6 132 N11 PG5 I/O FT FMC_A15/FMC_BA1, EVENTOUT Table 10. STM32F427xx and STM32F429xx pin and ball definitions (continued) Pin number Pin name (function after reset)(1) Alternate functions Additional functions |