Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F427AIY7 Fiches technique(PDF) 57 Page - STMicroelectronics

No de pièce STM32F427AIY7
Description  ARM Cortex-M4 32b MCUFPU, 225DMIPS, up to 2MB Flash/2564KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 20 comm. interfaces, camera & LCD-TFT
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F427AIY7 Fiches technique(HTML) 57 Page - STMicroelectronics

Back Button STM32F427AIY7 Datasheet HTML 53Page - STMicroelectronics STM32F427AIY7 Datasheet HTML 54Page - STMicroelectronics STM32F427AIY7 Datasheet HTML 55Page - STMicroelectronics STM32F427AIY7 Datasheet HTML 56Page - STMicroelectronics STM32F427AIY7 Datasheet HTML 57Page - STMicroelectronics STM32F427AIY7 Datasheet HTML 58Page - STMicroelectronics STM32F427AIY7 Datasheet HTML 59Page - STMicroelectronics STM32F427AIY7 Datasheet HTML 60Page - STMicroelectronics STM32F427AIY7 Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 231 page
background image
DocID024030 Rev 6
57/231
STM32F427xx STM32F429xx
Pinouts and pin description
83
35
46
N4
R5
56
N8
61
R5
PB0
I/O FT (5)
TIM1_CH2N,
TIM3_CH3,
TIM8_CH2N, LCD_R3,
OTG_HS_ULPI_D1,
ETH_MII_RXD2,
EVENTOUT
ADC12_
IN8
36
47
K5
R4
57
K7
62
R4
PB1
I/O FT (5)
TIM1_CH3N,
TIM3_CH4,
TIM8_CH3N, LCD_R6,
OTG_HS_ULPI_D2,
ETH_MII_RXD3,
EVENTOUT
ADC12_
IN9
37
48
L5
M6
58
L7
63
M5
PB2-BOOT1
(PB2)
I/O FT
EVENTOUT
-
-
-
-
-
-
64
G4
PI15
I/O FT
LCD_R0, EVENTOUT
-
-
-
-
-
-
65
R6
PJ0
I/O FT
LCD_R1, EVENTOUT
-
-
-
-
-
-
66
R7
PJ1
I/O FT
LCD_R2, EVENTOUT
-
-
-
-
-
-
67
P7
PJ2
I/O FT
LCD_R3, EVENTOUT
-
-
-
-
-
-
68
N8
PJ3
I/O FT
LCD_R4, EVENTOUT
-
-
-
-
-
-
69
M9
PJ4
I/O FT
LCD_R5, EVENTOUT
-
49
M5
R6
59
M7
70
P8
PF11
I/O FT
SPI5_MOSI,
FMC_SDNRAS,
DCMI_D12,
EVENTOUT
-
50
N5
P6
60
N7
71
M6
PF12
I/O FT
FMC_A6, EVENTOUT
-
51G9
M861
-
72
K7
VSS
S
-
52
D10
N8
62
-
73
L8
VDD
S
-
53
M6
N6
63
K6
74
N6
PF13
I/O FT
FMC_A7, EVENTOUT
-
54
K7
R7
64
L6
75
P6
PF14
I/O FT
FMC_A8, EVENTOUT
-
55
L7
P7
65
M6
76
M8
PF15
I/O FT
FMC_A9, EVENTOUT
-
56
N6
N7
66
N6
77
N7
PG0
I/O FT
FMC_A10, EVENTOUT
-
57
M7
M7
67
K5
78
M7
PG1
I/O FT
FMC_A11, EVENTOUT
Table 10. STM32F427xx and STM32F429xx pin and ball definitions (continued)
Pin number
Pin name
(function after
reset)(1)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More