Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F427IIH7 Fiches technique(PDF) 65 Page - STMicroelectronics

No de pièce STM32F427IIH7
Description  ARM Cortex-M4 32b MCUFPU, 225DMIPS, up to 2MB Flash/2564KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 20 comm. interfaces, camera & LCD-TFT
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F427IIH7 Fiches technique(HTML) 65 Page - STMicroelectronics

Back Button STM32F427IIH7 Datasheet HTML 61Page - STMicroelectronics STM32F427IIH7 Datasheet HTML 62Page - STMicroelectronics STM32F427IIH7 Datasheet HTML 63Page - STMicroelectronics STM32F427IIH7 Datasheet HTML 64Page - STMicroelectronics STM32F427IIH7 Datasheet HTML 65Page - STMicroelectronics STM32F427IIH7 Datasheet HTML 66Page - STMicroelectronics STM32F427IIH7 Datasheet HTML 67Page - STMicroelectronics STM32F427IIH7 Datasheet HTML 68Page - STMicroelectronics STM32F427IIH7 Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 231 page
background image
DocID024030 Rev 6
65/231
STM32F427xx STM32F429xx
Pinouts and pin description
83
82
115
C9
C12 143 C4 165 C12
PD1
I/O FT
CAN1_TX, FMC_D3,
EVENTOUT
83
116
B9
D12 144 A3 166 D12
PD2
I/O FT
TIM3_ETR,
UART5_RX,
SDIO_CMD,
DCMI_D11,
EVENTOUT
84
117
A9
D11 145 B4 167 C11
PD3
I/O FT
SPI2_SCK/I2S2_CK,
USART2_CTS,
FMC_CLK, DCMI_D5,
LCD_G7, EVENTOUT
85
118
D8
D10 146 B5 168 D11
PD4
I/O FT
USART2_RTS,
FMC_NOE,
EVENTOUT
86
119
C8
C11 147 A4 169 C10
PD5
I/O FT
USART2_TX,
FMC_NWE,
EVENTOUT
-
120
-
D8
148
-
170
F8
VSS
S
-
121
D6
C8
149 C5 171
E9
VDD
S
87
122
B8
B11 150
F4
172 B11
PD6
I/O FT
SPI3_MOSI/I2S3_SD,
SAI1_SD_A,
USART2_RX,
FMC_NWAIT,
DCMI_D10, LCD_B2,
EVENTOUT
88
123
A8
A11 151 A5 173 A11
PD7
I/O FT
USART2_CK,
FMC_NE1/FMC_NCE2,
EVENTOUT
-
-
-
-
-
-
174 B10
PJ12
I/O FT
LCD_B0, EVENTOUT
-
-
-
-
-
-
175
B9
PJ13
I/O FT
LCD_B1, EVENTOUT
-
-
-
-
-
-
176
C9
PJ14
I/O FT
LCD_B2, EVENTOUT
-
-
-
-
-
-
177 D10
PJ15
I/O FT
LCD_B3, EVENTOUT
-124
NC
(2)
C10 152 E5 178
D9
PG9
I/O FT
USART6_RX,
FMC_NE2/FMC_NCE3,
DCMI_VSYNC(8),
EVENTOUT
Table 10. STM32F427xx and STM32F429xx pin and ball definitions (continued)
Pin number
Pin name
(function after
reset)(1)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More