Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F429NET7 Fiches technique(PDF) 59 Page - STMicroelectronics

No de pièce STM32F429NET7
Description  ARM Cortex-M4 32b MCUFPU, 225DMIPS, up to 2MB Flash/2564KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 20 comm. interfaces, camera & LCD-TFT
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F429NET7 Fiches technique(HTML) 59 Page - STMicroelectronics

Back Button STM32F429NET7 Datasheet HTML 55Page - STMicroelectronics STM32F429NET7 Datasheet HTML 56Page - STMicroelectronics STM32F429NET7 Datasheet HTML 57Page - STMicroelectronics STM32F429NET7 Datasheet HTML 58Page - STMicroelectronics STM32F429NET7 Datasheet HTML 59Page - STMicroelectronics STM32F429NET7 Datasheet HTML 60Page - STMicroelectronics STM32F429NET7 Datasheet HTML 61Page - STMicroelectronics STM32F429NET7 Datasheet HTML 62Page - STMicroelectronics STM32F429NET7 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 231 page
background image
DocID024030 Rev 6
59/231
STM32F427xx STM32F429xx
Pinouts and pin description
83
49
71
N9
M10
81
N2
92
L11
VCAP_1
S
--
-
-
-
H2
93
K9
VSS
S
50
72
F8
N10
82
J6
94
L10
VDD
S
-
-
-
-
-
-
95
M14
PJ5
I/O
LCD_R6, EVENTOUT
-
-
N10 M11
83
-
96
P13
PH6
I/O FT
I2C2_SMBA,
SPI5_SCK,
TIM12_CH1,
ETH_MII_RXD2,
FMC_SDNE1,
DCMI_D8, EVENTOUT
-
-
M10 N12
84
-
97
N13
PH7
I/O FT
I2C3_SCL, SPI5_MISO,
ETH_MII_RXD3,
FMC_SDCKE1,
DCMI_D9, EVENTOUT
-
-
L10 M12
85
-
98
P14
PH8
I/O FT
I2C3_SDA, FMC_D16,
DCMI_HSYNC,
LCD_R2, EVENTOUT
-
-
K10 M13
86
-
99
N14
PH9
I/O FT
I2C3_SMBA,
TIM12_CH2,
FMC_D17, DCMI_D0,
LCD_R3, EVENTOUT
-
-
N11
L13
87
-
100 P15
PH10
I/O FT
TIM5_CH1, FMC_D18,
DCMI_D1, LCD_R4,
EVENTOUT
-
-
M11 L12
88
-
101 N15
PH11
I/O FT
TIM5_CH2, FMC_D19,
DCMI_D2, LCD_R5,
EVENTOUT
-
-
L11
K12
89
-
102 M15
PH12
I/O FT
TIM5_CH3, FMC_D20,
DCMI_D3, LCD_R6,
EVENTOUT
--
E7
H12
90
-
-
K10
VSS
S
-
-
H8
J12
91
-
103 K11
VDD
S
Table 10. STM32F427xx and STM32F429xx pin and ball definitions (continued)
Pin number
Pin name
(function after
reset)(1)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More