Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F427IIY6 Fiches technique(PDF) 77 Page - STMicroelectronics

No de pièce STM32F427IIY6
Description  ARM Cortex-M4 32b MCUFPU, 225DMIPS, up to 2MB Flash/2564KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 20 comm. interfaces, camera & LCD-TFT
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F427IIY6 Fiches technique(HTML) 77 Page - STMicroelectronics

Back Button STM32F427IIY6 Datasheet HTML 73Page - STMicroelectronics STM32F427IIY6 Datasheet HTML 74Page - STMicroelectronics STM32F427IIY6 Datasheet HTML 75Page - STMicroelectronics STM32F427IIY6 Datasheet HTML 76Page - STMicroelectronics STM32F427IIY6 Datasheet HTML 77Page - STMicroelectronics STM32F427IIY6 Datasheet HTML 78Page - STMicroelectronics STM32F427IIY6 Datasheet HTML 79Page - STMicroelectronics STM32F427IIY6 Datasheet HTML 80Page - STMicroelectronics STM32F427IIY6 Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 231 page
background image
Port
D
PD7
-
-
-
-
-
-
-
USART2_
CK
--
-
-
FMC_NE1/
FMC_
NCE2
--
EVEN
TOUT
PD8
-
-
-
-
-
-
-
USART3_
TX
-
-
-
-
FMC_D13
-
-
EVEN
TOUT
PD9
-
-
-
-
-
-
-
USART3_
RX
-
-
-
-
FMC_D14
-
-
EVEN
TOUT
PD10
-
-
-
-
-
-
-
USART3_
CK
-
-
-
-
FMC_D15
-
LCD_B3
EVEN
TOUT
PD11
-
-
-
-
-
-
-
USART3_
CTS
--
-
-
FMC_A16
-
-
EVEN
TOUT
PD12
-
-
TIM4_
CH1
--
-
-
USART3_
RTS
--
-
-
FMC_A17
-
-
EVEN
TOUT
PD13
-
-
TIM4_
CH2
-
-
-
-
-
-
-
-
-
FMC_A18
-
-
EVEN
TOUT
PD14
-
-
TIM4_
CH3
--
-
-
-
-
-
-
-
FMC_D0
-
-
EVEN
TOUT
PD15
-
-
TIM4_
CH4
--
-
-
-
-
-
-
-
FMC_D1
-
-
EVEN
TOUT
Port E
PE0
-
-
TIM4_
ETR
-
-
-
-
-
UART8_Rx
-
-
-
FMC_
NBL0
DCMI_
D2
-
EVEN
TOUT
PE1
-
-
-
-
-
-
-
-
UART8_Tx
-
-
-
FMC_
NBL1
DCMI_
D3
-
EVEN
TOUT
PE2
TRAC
ECLK
--
-
-
SPI4_
SCK
SAI1_
MCLK_A
--
-
-
ETH_MII_
TXD3
FMC_A23
-
-
EVEN
TOUT
PE3
TRAC
ED0
--
-
-
-
SAI1_
SD_B
-
-
-
-
-
FMC_A19
-
-
EVEN
TOUT
PE4
TRAC
ED1
--
-
-
SPI4_
NSS
SAI1_
FS_A
-
-
-
-
-
FMC_A20
DCMI_
D4
LCD_B0
EVEN
TOUT
PE5
TRAC
ED2
--
TIM9_
CH1
-
SPI4_M
ISO
SAI1_
SCK_A
-
-
-
-
-
FMC_A21
DCMI_
D6
LCD_G0
EVEN
TOUT
PE6
TRAC
ED3
--
TIM9_
CH2
-
SPI4_
MOSI
SAI1_
SD_A
-
-
-
-
-
FMC_A22
DCMI_
D7
LCD_G1
EVEN
TOUT
Table 12. STM32F427xx and STM32F429xx alternate function mapping (continued)
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10
AF11
AF12
AF13
AF14
AF15
SYS
TIM1/2
TIM3/4/5
TIM8/9/
10/11
I2C1/
2/3
SPI1/2/
3/4/5/6
SPI2/3/
SAI1
SPI3/
USART1/
2/3
USART6/
UART4/5/7
/8
CAN1/2/
TIM12/13/14
/LCD
OTG2_HS
/OTG1_
FS
ETH
FMC/SDIO
/OTG2_FS
DCMI
LCD
SYS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More