Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F429NEY6 Fiches technique(PDF) 66 Page - STMicroelectronics

No de pièce STM32F429NEY6
Description  ARM Cortex-M4 32b MCUFPU, 225DMIPS, up to 2MB Flash/2564KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 20 comm. interfaces, camera & LCD-TFT
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F429NEY6 Fiches technique(HTML) 66 Page - STMicroelectronics

Back Button STM32F429NEY6 Datasheet HTML 62Page - STMicroelectronics STM32F429NEY6 Datasheet HTML 63Page - STMicroelectronics STM32F429NEY6 Datasheet HTML 64Page - STMicroelectronics STM32F429NEY6 Datasheet HTML 65Page - STMicroelectronics STM32F429NEY6 Datasheet HTML 66Page - STMicroelectronics STM32F429NEY6 Datasheet HTML 67Page - STMicroelectronics STM32F429NEY6 Datasheet HTML 68Page - STMicroelectronics STM32F429NEY6 Datasheet HTML 69Page - STMicroelectronics STM32F429NEY6 Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 231 page
background image
Pinouts and pin description
STM32F427xx STM32F429xx
66/231
DocID024030 Rev 6
-
125
C7
B10 153 C6 179
C8
PG10
I/O FT
LCD_G3,
FMC_NCE4_1/FMC_N
E3, DCMI_D2,
LCD_B2, EVENTOUT
-
126
B7
B9
154 B6 180
B8
PG11
I/O FT
ETH_MII_TX_EN/ETH_
RMII_TX_EN,
FMC_NCE4_2,
DCMI_D3, LCD_B3,
EVENTOUT
-
127
A7
B8
155 A6 181
C7
PG12
I/O FT
SPI6_MISO,
USART6_RTS,
LCD_B4, FMC_NE4,
LCD_B1, EVENTOUT
-128
NC
(2)
A8
156 D6 182
B3
PG13
I/O FT
SPI6_SCK,
USART6_CTS,
ETH_MII_TXD0/ETH_R
MII_TXD0, FMC_A24,
EVENTOUT
-129
NC
(2)
A7
157
F6
183
A4
PG14
I/O FT
SPI6_MOSI,
USART6_TX,
ETH_MII_TXD1/ETH_R
MII_TXD1, FMC_A25,
EVENTOUT
-
130
D7
D7
158
-
184
F7
VSS
S
-
131
L6
C7
159 E6 185
E8
VDD
S
-
-
-
-
-
-
186
D8
PK3
I/O FT
LCD_B4, EVENTOUT
-
-
-
-
-
-
187
D7
PK4
I/O FT
LCD_B5, EVENTOUT
-
-
-
-
-
-
188
C6
PK5
I/O FT
LCD_B6, EVENTOUT
-
-
-
-
-
-
189
C5
PK6
I/O FT
LCD_B7, EVENTOUT
-
-
-
-
-
-
190
C4
PK7
I/O FT
LCD_DE, EVENTOUT
-
132
C6
B7
160 A7 191
B7
PG15
I/O FT
USART6_CTS,
FMC_SDNCAS,
DCMI_D13,
EVENTOUT
Table 10. STM32F427xx and STM32F429xx pin and ball definitions (continued)
Pin number
Pin name
(function after
reset)(1)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More