Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

X25128MP Fiches technique(PDF) 5 Page - IC MICROSYSTEMS

No de pièce X25128MP
Description  SPI Serial E2PROM with Block Lock Protection
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ICMIC [IC MICROSYSTEMS]
Site Internet  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

X25128MP Fiches technique(HTML) 5 Page - IC MICROSYSTEMS

  X25128MP Datasheet HTML 1Page - IC MICROSYSTEMS X25128MP Datasheet HTML 2Page - IC MICROSYSTEMS X25128MP Datasheet HTML 3Page - IC MICROSYSTEMS X25128MP Datasheet HTML 4Page - IC MICROSYSTEMS X25128MP Datasheet HTML 5Page - IC MICROSYSTEMS X25128MP Datasheet HTML 6Page - IC MICROSYSTEMS X25128MP Datasheet HTML 7Page - IC MICROSYSTEMS X25128MP Datasheet HTML 8Page - IC MICROSYSTEMS X25128MP Datasheet HTML 9Page - IC MICROSYSTEMS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
X25128
5
be low when HOLD is first pulled low and SCK must
also be low when HOLD is released.
The HOLD input may be tied high either directly to VCC
or tied to VCC through a resistor.
Operational Notes
The X25128 powers-up in the following state:
• The device is in the low power standby state.
• A high to low transition on CS is required to enter an
active state and receive an instruction.
• SO pin is high impedance.
• The “write enable” latch is reset.
Data Protection
The following circuitry has been included to prevent
inadvertent writes:
• The “write enable” latch is reset upon power-up.
• A WREN instruction must be issued to set the “write
enable” latch.
• CS must come high at the proper clock count in
order to start a write cycle.
Figure 1. Read E2PROM Array Operation Sequence
Figure 2. Read Status Register Operation Sequence
0
1
2
3
4
5
6
7
8
9
10
20 21 22 23 24 25 26 27 28 29 30
7
6
5
4
3
2
1
0
DATA OUT
CS
SCK
SI
SO
MSB
HIGH IMPEDANCE
INSTRUCTION
16 BIT ADDRESS
15 14 13
3
2
1
0
3091 FM F03
0
1
2
3
4
5
6
7
8
9
10 11 12 13 14
7
6
5
4
3
2
1
0
DATA OUT
CS
SCK
SI
SO
MSB
HIGH IMPEDANCE
INSTRUCTION
3091 FM F04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15