Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F427IIH6 Fiches technique(PDF) 76 Page - STMicroelectronics

No de pièce STM32F427IIH6
Description  ARM Cortex-M4 32b MCUFPU, 225DMIPS, up to 2MB Flash/2564KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 20 comm. interfaces, camera & LCD-TFT
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F427IIH6 Fiches technique(HTML) 76 Page - STMicroelectronics

Back Button STM32F427IIH6 Datasheet HTML 72Page - STMicroelectronics STM32F427IIH6 Datasheet HTML 73Page - STMicroelectronics STM32F427IIH6 Datasheet HTML 74Page - STMicroelectronics STM32F427IIH6 Datasheet HTML 75Page - STMicroelectronics STM32F427IIH6 Datasheet HTML 76Page - STMicroelectronics STM32F427IIH6 Datasheet HTML 77Page - STMicroelectronics STM32F427IIH6 Datasheet HTML 78Page - STMicroelectronics STM32F427IIH6 Datasheet HTML 79Page - STMicroelectronics STM32F427IIH6 Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 231 page
background image
Port
C
PC8
-
-
TIM3_
CH3
TIM8_
CH3
--
-
-
USART6_
CK
-
-
-
SDIO_D0
DCMI_
D2
-
EVEN
TOUT
PC9
MCO2
-
TIM3_
CH4
TIM8_
CH4
I2C3_
SDA
I2S_
CKIN
--
-
-
-
-
SDIO_D1
DCMI_
D3
-
EVEN
TOUT
PC10
-
-
-
-
-
-
SPI3_
SCK/I2S
3_CK
USART3_
TX
UART4_TX
-
-
-
SDIO_D2
DCMI_
D8
LCD_R2
EVEN
TOUT
PC11
-
-
-
-
-
I2S3ext
_SD
SPI3_
MISO
USART3_
RX
UART4_RX
-
-
-
SDIO_D3
DCMI_
D4
-
EVEN
TOUT
PC12
-
-
-
-
-
-
SPI3_
MOSI/I2
S3_SD
USART3_
CK
UART5_TX
-
-
-
SDIO_CK
DCMI_
D9
-
EVEN
TOUT
PC13
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
EVEN
TOUT
PC14
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
EVEN
TOUT
PC15
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
EVEN
TOUT
Port
D
PD0
-
-
-
-
-
-
-
-
-
CAN1_RX
-
-
FMC_D2
-
-
EVEN
TOUT
PD1
-
-
-
-
-
-
-
-
-
CAN1_TX
-
-
FMC_D3
-
-
EVEN
TOUT
PD2
-
-
TIM3_
ETR
--
-
-
-
UART5_RX
-
-
-
SDIO_
CMD
DCMI_
D11
-
EVEN
TOUT
PD3
-
-
-
-
-
SPI2_S
CK/I
2S2_CK
-
USART2_
CTS
-
-
-
-
FMC_CLK
DCMI_
D5
LCD_G7
EVEN
TOUT
PD4
-
-
-
-
-
-
-
USART2_
RTS
-
-
-
-
FMC_NOE
-
-
EVEN
TOUT
PD5
-
-
-
-
-
-
-
USART2_
TX
--
-
-
FMC_NWE
-
-
EVEN
TOUT
PD6
-
-
-
-
-
SPI3_
MOSI/I2
S3_SD
SAI1_
SD_A
USART2_
RX
--
-
-
FMC_
NWAIT
DCMI_
D10
LCD_B2
EVEN
TOUT
Table 12. STM32F427xx and STM32F429xx alternate function mapping (continued)
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10
AF11
AF12
AF13
AF14
AF15
SYS
TIM1/2
TIM3/4/5
TIM8/9/
10/11
I2C1/
2/3
SPI1/2/
3/4/5/6
SPI2/3/
SAI1
SPI3/
USART1/
2/3
USART6/
UART4/5/7
/8
CAN1/2/
TIM12/13/14
/LCD
OTG2_HS
/OTG1_
FS
ETH
FMC/SDIO
/OTG2_FS
DCMI
LCD
SYS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More