Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F429NEH6 Fiches technique(PDF) 49 Page - STMicroelectronics

No de pièce STM32F429NEH6
Description  ARM Cortex-M4 32b MCUFPU, 225DMIPS, up to 2MB Flash/2564KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 20 comm. interfaces, camera & LCD-TFT
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F429NEH6 Fiches technique(HTML) 49 Page - STMicroelectronics

Back Button STM32F429NEH6 Datasheet HTML 45Page - STMicroelectronics STM32F429NEH6 Datasheet HTML 46Page - STMicroelectronics STM32F429NEH6 Datasheet HTML 47Page - STMicroelectronics STM32F429NEH6 Datasheet HTML 48Page - STMicroelectronics STM32F429NEH6 Datasheet HTML 49Page - STMicroelectronics STM32F429NEH6 Datasheet HTML 50Page - STMicroelectronics STM32F429NEH6 Datasheet HTML 51Page - STMicroelectronics STM32F429NEH6 Datasheet HTML 52Page - STMicroelectronics STM32F429NEH6 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 231 page
background image
DocID024030 Rev 6
49/231
STM32F427xx STM32F429xx
Pinouts and pin description
83
Figure 17. STM32F42x UFBGA176 ballout
1. The above figure shows the package top view.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More