Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F427IIT6 Fiches technique(PDF) 54 Page - STMicroelectronics

No de pièce STM32F427IIT6
Description  ARM Cortex-M4 32b MCUFPU, 225DMIPS, up to 2MB Flash/2564KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 20 comm. interfaces, camera & LCD-TFT
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F427IIT6 Fiches technique(HTML) 54 Page - STMicroelectronics

Back Button STM32F427IIT6 Datasheet HTML 50Page - STMicroelectronics STM32F427IIT6 Datasheet HTML 51Page - STMicroelectronics STM32F427IIT6 Datasheet HTML 52Page - STMicroelectronics STM32F427IIT6 Datasheet HTML 53Page - STMicroelectronics STM32F427IIT6 Datasheet HTML 54Page - STMicroelectronics STM32F427IIT6 Datasheet HTML 55Page - STMicroelectronics STM32F427IIT6 Datasheet HTML 56Page - STMicroelectronics STM32F427IIT6 Datasheet HTML 57Page - STMicroelectronics STM32F427IIT6 Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 231 page
background image
Pinouts and pin description
STM32F427xx STM32F429xx
54/231
DocID024030 Rev 6
-21
NC
(2)
L2
27
G8
30
L2
PF9
I/O FT (5)
SPI5_MOSI,
SAI1_FS_B,
TIM14_CH1, FMC_CD,
EVENTOUT
ADC3_IN7
-22
H1
L1
28
G9
31
L1
PF10
I/O FT (5)
FMC_INTR,
DCMI_D11, LCD_DE,
EVENTOUT
ADC3_IN8
12
23
G2
G1
29
J11
32
G1
PH0-OSC_IN
(PH0)
I/O FT
EVENTOUT
OSC_IN(5)
13
24
G1
H1
30 H10 33
H1
PH1-
OSC_OUT
(PH1)
I/O FT
EVENTOUT
OSC_OUT
(5)
14
25
H2
J1
31
H9
34
J1
NRST
I/O
RS
T
15
26
G6
M2
32
H8
35
M2
PC0
I/O FT (5)
OTG_HS_ULPI_STP,
FMC_SDNWE,
EVENTOUT
ADC123_
IN10
16
27
H5
M3
33
K11
36
M3
PC1
I/O FT (5)
ETH_MDC,
EVENTOUT
ADC123_
IN11
17
28
H6
M4
34
J10
37
M4
PC2
I/O FT (5)
SPI2_MISO,
I2S2ext_SD,
OTG_HS_ULPI_DIR,
ETH_MII_TXD2,
FMC_SDNE0,
EVENTOUT
ADC123_
IN12
18
29
H7
M5
35
J9
38
L4
PC3
I/O FT (5)
SPI2_MOSI/I2S2_SD,
OTG_HS_ULPI_NXT,
ETH_MII_TX_CLK,
FMC_SDCKE0,
EVENTOUT
ADC123_
IN13
19
30
-
-
36
G7
39
J5
VDD
S
--
-
-
-
-
-
J6
VSS
S
20
31
J1
M1
37
K10 40
M1
VSSA
S
--
J2
N1
-
-
-
N1
VREF–
S
21
32
J3
P1
38
L11
41
P1
VREF+
S
Table 10. STM32F427xx and STM32F429xx pin and ball definitions (continued)
Pin number
Pin name
(function after
reset)(1)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More