Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NA861-R2GI-US Fiches technique(PDF) 2 Page - Axiomtek Co., Ltd.

No de pièce NA861-R2GI-US
Description  1U Rackmount Network Appliance Platform with LGA3647 Socket Intel® Xeon® Scalable Processor, Intel® C621 (Purley) and up to 34 LAN
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AXIOMTEK [Axiomtek Co., Ltd.]
Site Internet  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

NA861-R2GI-US Fiches technique(HTML) 2 Page - Axiomtek Co., Ltd.

  NA861-R2GI-US Datasheet HTML 1Page - Axiomtek Co., Ltd. NA861-R2GI-US Datasheet HTML 2Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
* All specifications and photos are subject to change without notice.
Networking Security and Edge Sever Platforms
1
17
16
Ordering Information
Standard
NA861-R2GI-US
with Redn power
(P/N: E26E861100)
1U rackmount appliance with Intel® Xeon® Scalable processor, 2 GbE LAN and redundant power
NA861-R2GI-US
with Single power
(P/N: E26E861101)
1U rackmount appliance with single Intel® Xeon® Scalable processor, 2 GbE LAN and single power
Optional
5916E552000E
DB9F-RJ-45 1.8M console cable for Cisco
* Specifications and certifications may vary based on different requirements.
Packing List
1 x SATA cable
1 x Power cord
Dimensions



Html Pages

1 2