Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F427IIH7TR Fiches technique(PDF) 80 Page - STMicroelectronics

No de pièce STM32F427IIH7TR
Description  ARM Cortex-M4 32b MCUFPU, 225DMIPS, up to 2MB Flash/2564KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 20 comm. interfaces, camera & LCD-TFT
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F427IIH7TR Fiches technique(HTML) 80 Page - STMicroelectronics

Back Button STM32F427IIH7TR Datasheet HTML 76Page - STMicroelectronics STM32F427IIH7TR Datasheet HTML 77Page - STMicroelectronics STM32F427IIH7TR Datasheet HTML 78Page - STMicroelectronics STM32F427IIH7TR Datasheet HTML 79Page - STMicroelectronics STM32F427IIH7TR Datasheet HTML 80Page - STMicroelectronics STM32F427IIH7TR Datasheet HTML 81Page - STMicroelectronics STM32F427IIH7TR Datasheet HTML 82Page - STMicroelectronics STM32F427IIH7TR Datasheet HTML 83Page - STMicroelectronics STM32F427IIH7TR Datasheet HTML 84Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 231 page
background image
Port
G
PG9
-
-
-
-
-
-
-
-
USART6_
RX
--
-
FMC_NE2/
FMC_
NCE3
DCMI_
VSYNC
(1)
-
EVEN
TOUT
PG10
-
-
-
-
-
-
-
-
-
LCD_G3
-
-
FMC_
NCE4_1/
FMC_NE3
DCMI_
D2
LCD_B2
EVEN
TOUT
PG11
-
-
-
-
-
-
-
-
-
-
-
ETH_MII_
TX_EN/
ETH_RMII
_TX_EN
FMC_
NCE4_2
DCMI_
D3
LCD_B3
EVEN
TOUT
PG12
-
-
-
-
-
SPI6_
MISO
--
USART6_
RTS
LCD_B4
-
-
FMC_NE4
-
LCD_B1
EVEN
TOUT
PG13
-
-
-
-
-
SPI6_
SCK
--
USART6_
CTS
--
ETH_MII_
TXD0/
ETH_RMII
_TXD0
FMC_A24
-
-
EVEN
TOUT
PG14
-
-
-
-
-
SPI6_
MOSI
--
USART6_
TX
--
ETH_MII_
TXD1/
ETH_RMII
_TXD1
FMC_A25
-
-
EVEN
TOUT
PG15
-
-
-
-
-
-
-
-
USART6_
CTS
--
-
FMC_
SDNCAS
DCMI_
D13
-
EVEN
TOUT
Port
H
PH0
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
EVEN
TOUT
PH1
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
EVEN
TOUT
PH2
-
-
-
-
-
-
-
-
-
-
-
ETH_MII_
CRS
FMC_
SDCKE0
-
LCD_R0
EVEN
TOUT
PH3
-
-
-
-
-
-
-
-
-
-
-
ETH_MII_
COL
FMC_SDN
E0
-
LCD_R1
EVEN
TOUT
PH4
-
-
-
-
I2C2_
SCL
--
-
-
-
OTG_HS_
ULPI_NXT
--
-
-
EVEN
TOUT
PH5
-
-
-
-
I2C2_
SDA
SPI5_N
SS
--
-
-
-
-
FMC_SDN
WE
--
EVEN
TOUT
PH6
-
-
-
-
I2C2_
SMBA
SPI5_
SCK
-
-
-
TIM12_CH1
-
-
FMC_
SDNE1
DCMI_
D8
--
Table 12. STM32F427xx and STM32F429xx alternate function mapping (continued)
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10
AF11
AF12
AF13
AF14
AF15
SYS
TIM1/2
TIM3/4/5
TIM8/9/
10/11
I2C1/
2/3
SPI1/2/
3/4/5/6
SPI2/3/
SAI1
SPI3/
USART1/
2/3
USART6/
UART4/5/7
/8
CAN1/2/
TIM12/13/14
/LCD
OTG2_HS
/OTG1_
FS
ETH
FMC/SDIO
/OTG2_FS
DCMI
LCD
SYS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More