Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F427NET7TR Fiches technique(PDF) 209 Page - STMicroelectronics

No de pièce STM32F427NET7TR
Description  ARM Cortex-M4 32b MCUFPU, 225DMIPS, up to 2MB Flash/2564KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 20 comm. interfaces, camera & LCD-TFT
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F427NET7TR Fiches technique(HTML) 209 Page - STMicroelectronics

Back Button STM32F427NET7TR Datasheet HTML 205Page - STMicroelectronics STM32F427NET7TR Datasheet HTML 206Page - STMicroelectronics STM32F427NET7TR Datasheet HTML 207Page - STMicroelectronics STM32F427NET7TR Datasheet HTML 208Page - STMicroelectronics STM32F427NET7TR Datasheet HTML 209Page - STMicroelectronics STM32F427NET7TR Datasheet HTML 210Page - STMicroelectronics STM32F427NET7TR Datasheet HTML 211Page - STMicroelectronics STM32F427NET7TR Datasheet HTML 212Page - STMicroelectronics STM32F427NET7TR Datasheet HTML 213Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 231 page
background image
DocID024030 Rev 6
209/231
STM32F427xx STM32F429xx
Package information
225
Device marking for LQFP208
The following figure gives an example of topside marking orientation versus pin 1 identifier
location.
Figure 94. LQFP208 marking example (package top view)
1. Parts marked as “ES”, “E” or accompanied by an Engineering Sample notification letter, are not yet
qualified and therefore not yet ready to be used in production and any consequences deriving from such
usage will not be at ST charge. In no event, ST will be liable for any customer usage of these engineering
samples in production. ST Quality has to be contacted prior to any decision to use these Engineering
Samples to run qualification activity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More