| Moteur de recherche de fiches techniques de composants électroniques |
|
THS8136IPHPR.A Fiches technique(PDF) 1 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
THS8136IPHPR.A Fiches technique(HTML) 1 Page - Texas Instruments |
|
1 / 20 page ![]() THS8136 www.ti.com SLES236B – NOVEMBER 2008 – REVISED APRIL 2013 TRIPLE 10-BIT 180-MSPS GRAPHICS AND VIDEO DAC Check for Samples: THS8136 1 FEATURES APPLICATIONS 2 • Triple 10-Bit Digital-to-Analog Converters • Graphics and Video Generation (DACs) • High-Resolution Image Processing • 180-MSPS Operation • Generic Triple D/A Converter • Direct Drive of Double-Terminated 75- Ω Load Into Standard Video Levels • Bi-Level Sync and Blank Level Generation • Internal Voltage Reference • Low-Power Operation From 3.3-V Analog and 1.8-V Digital Supply Levels • 1.8-V Compatible Inputs • Qualified for Automotive Applications (AEC-Q100 Rev G – THS8136IPHPQ1, THS8136IPHPRQ1) DESCRIPTION The THS8136 is a general-purpose triple high-speed digital-to-analog (D/A) converter optimized for use in video/graphics applications. The device operates from 3.3-V analog and 1.8-V digital supplies with D/A converter performance assured at sampling rates up to 180 MHz. The THS8136 consists of three 10-bit D/A converters and additional circuitry for bi-level sync and blanking level generation. The current-steering DACs have been specifically designed to produce standard video output levels when directly connected to a single-ended double- terminated 75- Ω coaxial cable. By providing a dc offset in sync insertion mode, the THS8136 can generate a bi-level sync on the AG DAC output without sacrificing DAC resolution. Support is also provided for insertion of RGB or YPbPr reference or blanking levels, irrespective of the DAC input codes. A generic DAC mode is provided for applications not requiring sync generation. All digital inputs are 1.8-V compatible. ORDERING INFORMATION(1) PACKAGED DEVICES(2) TA PACKAGE OPTION PowerPAD™ TQFP-48 – PHP THS8136PHP Tray 0°C to 70°C THS8136PHPR Tape and reel THS8136IPHP Tray THS8136IPHPR Tape and reel –40°C to 85°C THS8136IPHPQ1(3) Tray THS8136IPHPRQ1(3) Tape and reel (1) For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI web site at www.ti.com. (2) Package drawings, thermal data, and symbolization are available at www.ti.com/packaging. (3) AEC-Q100 Rev G certified 1 Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. 2 PowerPAD is a trademark of Texas Instruments. PRODUCTION DATA information is current as of publication date. Copyright © 2008–2013, Texas Instruments Incorporated Products conform to specifications per the terms of the Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
Numéro de pièce similaire - THS8136IPHPR.A |
|
Description similaire - THS8136IPHPR.A |