| Moteur de recherche de fiches techniques de composants électroniques |
|
STEVAL-DPSADP01 Fiches technique(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STEVAL-DPSADP01 Fiches technique(HTML) 3 Page - STMicroelectronics |
|
3 / 7 page ![]() Figure 2. STEVAL-DPSLLCP1 power board - Aux SMPS schematic LD1117DT50TR R7 1 8.2k 100nF GND 10 0 R2 3.3 GND1 2 VIPER27HD D9 TP44 STPS1150A 1 GND D3 TP4 VCC sec 10 1 GND C3 33nF R3 0 GND1 100µF D6 0 R1 0 R63.3 DIODE Zener 18V 1W STPS1L40U C7 2 U1 VBUS 2 VOUT GND1 C12 TP1 D1 C15 1k STTH102A BR R12 CONT L11µH VCC pri GND 0.1µF R13 GND1 47k GND C5 C2 D2 U3 D7 C1 LD1117DT50TR 22µF U2 + TS2431 82k C92.2nF 5V 100nF 6 1µF C10 GND1 470µF R8 2.2R4 C125 TP3 C13 470µF D5 C11 9 C4 + 6 STPS1150A VDD 4 CONTROL T1 C6 470µF R10 R14 2K GND OPTO1 220 STPS1150A 3.3nF R5 C8 2 VOUT D76 100µF DRAIN SOURCE D4 DIODE Zener 18V 1W D8 PC817 33nF 8 TP2 GND1 FB GND1 100µF GND1 12V GND R166 N.A. R11 +5V GND1 7 STPS1150A 100µF 3.3K R9 +5V_prim VIN 3 VR1 VIN 3 PKC-136 GND TP45 C14 DIODE Zener 15V 1W Figure 3. STEVAL-DPSLLCP1 power board - filtering and connector schematic A_GND 12B 13A TP10 C22 R310 BAT754 R19 4A 27A 28A +5V Resonance Current 21A 21B BAT41KFILM 10A 10B PWM_7 28B 30B D16 25A 25B 100nF C26 C136 VDDA DC Output Current sensing PWM_FB_LS1 PWM_1 TP14 D18 A_VDD 13A 13B R410 CAN_TX SMBus_SCL/UI_USART_RX SMBus_SDA/UI_USART_TX D14 470 Ohm 10oMHz 215 mA 23A 23B 8A 8B A_VDD 22B 23A 4B 5A TP13 Note: Keep all filtering parts traces short as possible to connector P1 25B 7A 7A 10B 11A 100 R210 P1 28A 29A +5V 20B 21A 1B 2A 2A PWM_5 A_GND 24A 24B GND R23100 R24100 TP9 30B 26A 2 32A 31B VDS_SR1 sensing +5V PWM_2 10pF R260 270 17A 17B VDDA R330 DC Bus Monitor sensing R370 Resonance Current sensing 31B 32B 8B 9A VDDA 16B 17A 1 29A 30A BAT754 11A 11B Temperature sensing C21 1B D17 22A 22B A_GND USART_TX_iso 9A 9B 9B 7B 7B 24B 25A PWM_8 GND_iso PWM_FB_HS1 15A 15B D12 14A 14B 2.7nF 18B 19A DC Vout Monitor sensing +3.3V R400 ADC_4/DIFF_ADC_2-/OP-AMP_2- COMP_1_INP/ADC_11 COMP_2_INP/ADC_12/OP-AMP_1+ ADC_7/COMP_2_INM ADC_5 ADC_1/DIFF_ADC_1+ ADC_2/DIFF_ADC_1-/OP-AMP_2+ ADC_3/DIFF_ADC_2+/OP-AMP_2_OUT/COMP_1_NM ADC_6/OP-AMP_1- COMP_3_INP 2.2uF VDDA BAT41KFILM R15 D10 PWM_2 PWM_4 PWM_6 PWM_8 GPIO_7/DAC_3/OP-AMP_1_OUT GPIO_9/EEV_3/SPI_MISO ADC_1/DIFF_ADC_1+ A_GND VDDA BAT754 27B 28B BAT754 100 R16 DC Vout Monitor +3.3V_iso GPIO_6/DAC_2/SPI_SCLK TP11 R290 270 A_GND 21B 22A R340 VDS_SR2 sensing FAN_PWM TP15 L2 8A 10pF GPIO_2/COMP_2_OUT/GP_PWM_2 GPIO_4/EEV_1 GPIO_8/EEV_2 D13 29B 27B 5A 5B A_GND VDDA 17B 18A R17 R350 BAT41/BAS70 3A 3A VDDA VDS_SR1 sensing A_GND 2 CAN_RX SD/OD_4 26B 29B Temperature sensing ADC_5 PWM_6 30A 32A VDS_SR2 DC Output Current DC Output Current sensing PWM_FB_HS2 18A 18B R300 GPIO_1/COMP_3_OUT/GP_PWM_1/EEV_4 1 1 VDS_SR2 sensing 5B 6A 11B 12A R44100 15B 16A R420 2 100nF C17 1A 26B TP6 Temperature 12A 12B VDDA 2.2uF USART_RX_iso 19A 19B 47nF 100nF Digital Power Connector ADC_4/DIFF_ADC_2-/OP-AMP_2- ADC_2/DIFF_ADC_1-/OP-AMP_2+ ADC_3/DIFF_ADC_2+/OP-AMP_2_OUT/COMP_1_NM 2B + PWM_FB_LS2 BAT754 PWM_10 PWM_12 GPIO_3/COMP_1_OUT/FAULT_2 GPIO_2/COMP_2_OUT/GP_PWM_2 GPIO_4/EEV_1 GPIO_5/DAC_1/COMP_4_INP/SPI_NSS GPIO_8/EEV_2 SD/OD_3 14B 15A VDDA DC Vout Monitor sensing R320 D20 BAT754 31A 16A 16B 1A GND ADC_6/OP-AMP_1- COMP_2_INP/ADC_12/OP-AMP_1+ ADC_7/COMP_2_INM 19B 20A 20A 20B VDDA A_GND PWM_3 R220 PWM_SR_HS2 Resonance Current sensing 2B PWM_SR_LS1 DC Bus Monitor VDS_SR1 R18 ADC_8 BAT41/BAS70 100nF BAT754 SMBus_SMBA/SPI_MOSI TP5 TP7 FAULT_1 PWM_1 R250 + ADC_8 ADC_9 ADC_10 C137 PWM_4 100 32B 31A 4A 4B D11 +3.3V 23B 24A +3.3V 3B 3B DC Bus Monitor sensing C16 PWM_3 PWM_5 PWM_7 PWM_9 PWM_11 PWM_SR_LS2 PWM_SR_HS1 C24 C20 10A R38100 GPIO_10/DAC_4 A_GND COMP_1_INP/ADC_11 COMP_3_INP 26A 27A 13B 14A R280 6A 6B 6B C18 STEVAL-DPSLLCK1 STEVAL-DPSLLCK1 schematics DB3560 - Rev 1 page 3/7 |