| Moteur de recherche de fiches techniques de composants électroniques |
|
MSO/DPO5104/B Fiches technique(PDF) 25 Page - TEKTRONIX, INC. |
|
|
|||||||||||||||||||||||||||||
MSO/DPO5104/B Fiches technique(HTML) 25 Page - TEKTRONIX, INC. |
|
25 / 28 page ![]() Instruments and file types supported Instrument family Oscilloscopes File type .WFM .ISF .TIQ .IQT .MAT Performance: MSO/DPO5000 DPO7000C DPO/DSA/ MSO70000 X X 21 Mixed-domain: MDO4000 & MDO4000B/C X X 22 Bench: MSO/DPO2000 MDO/MSO/ DPO4000 X Real-time signal analyzers File type .WFM .ISF .TIQ .IQT .MAT RSA3000 X RSA5000/ 6000 X X Other File type .WFM .ISF .TIQ .IQT .MAT 3rd party waveforms in MATLAB Level 5 format X SignalVu-PC vs. SignalVu SignalVu for oscilloscopes is a separate product made to run directly on Tektronix performance oscilloscopes. SignalVu directly controls the acquisition settings of the oscilloscopes and automatically transfers data from the oscilloscope acquisition channel to the SignalVu software. SignalVu-PC runs on a separate PC. Files from oscilloscopes and signal analyzers can be opened and analyzed. SignalVu-PC does not communicate with the acquisition instrument or control its acquisition settings. 21 .TIQ files can be created on performance oscilloscopes with SignalVu installed. SignalVu is a separate product from SignalVu-PC. 22 The MDO RF channel saves waveforms in the .TIQ format. MDO oscilloscope waveforms are stored in .ISF format. Datasheet www.tek.com 25 |