| Moteur de recherche de fiches techniques de composants électroniques |
|
SC4 Fiches technique(PDF) 7 Page - TEKTRONIX, INC. |
|
|
|||||||||||||||||||||||||||||
SC4 Fiches technique(HTML) 7 Page - TEKTRONIX, INC. |
|
7 / 44 page ![]() Touch interaction finally done right Scopes have included touch screens for years, but the touch interface has been an afterthought. The 4 Series MSO's display includes a capacitive touchscreen and provides the industry's first oscilloscope user interface truly designed for touch. The touch interactions that you use with phones and tablets, and expect in a touch enabled device, are supported in the 4 Series MSO. Drag waveforms left/right or up/down to adjust horizontal and vertical position or to pan a zoomed view Pinch and expand to change scale or zoom in/out in either horizontal or vertical directions Drag items to the trash can or drag them off the edge of the screen to delete them Swipe in from the right to reveal the Results Bar or down from the top to access the menus in the upper left corner of the display Smooth, responsive front panel controls allow you to make adjustments with familiar knobs and buttons, and you can add a mouse or keyboard as a third interaction method. Interact with the capacitive touch display in the same way you do on your phones and tablets. 4 Series MSO www.tek.com 7 |