| Moteur de recherche de fiches techniques de composants électroniques |
|
X24C01AP-3 Fiches technique(PDF) 10 Page - IC MICROSYSTEMS |
|
|
|||||||||||||||||||||||||||||
X24C01AP-3 Fiches technique(HTML) 10 Page - IC MICROSYSTEMS |
|
10 / 13 page ![]() X24C01A 10 WRITE CYCLE LIMITS Symbol Parameter Min. Typ. (5) Max. Units t WR (6) Write Cycle Time 5 10 ms 3841 PGM T10 The write cycle time is the time from a valid stop condition of a write sequence to the end of the internal erase/program cycle. During the write cycle, the X24C01A bus interface circuits are disabled, SDA is allowed to remain high, and the device does not respond to its slave address. Write Cycle Timing SDA 8th BIT WORD n ACK t WR STOP CONDITION START CONDITION X24C01A ADDRESS SCL 3841 FHD F04 Guidelines for Calculating Typical Values of Bus Pull-Up Resistors SYMBOL TABLE Must be steady Will be steady May change from Low to High Will change from Low to High May change from High to Low Will change from High to Low Don’t Care: Changes Allowed Changing: State Not Known N/A Center Line is High Impedance OUTPUTS INPUTS WAVEFORM 3841 FHD F16 120 100 80 40 60 20 20 40 60 80100120 0 0 BUS CAPACITANCE (pF) MIN. RESISTANCE MAX. RESISTANCE R MAX = C BUS t R R MIN = I OL MIN V CC MAX =1.8KΟ Notes:(5) Typical values are for T A = 25°C and nominal supply voltage (5V). (6) tWR is the minimum cycle time from the system perspective when polling techniques are not used. It is the maximum time the device requires to perform the internal write operation. |