| Moteur de recherche de fiches techniques de composants électroniques |
|
PP45PC22R Fiches technique(PDF) 1 Page - Anderson Power Products, Inc. |
|
|
|||||||||||||||||||||||||||||
PP45PC22R Fiches technique(HTML) 1 Page - Anderson Power Products, Inc. |
|
1 / 2 page ![]() HEADQUARTERS: Anderson Power Products®, 13 Pratts Junction Road, Sterling, MA01564-2305 USA T:978-422-3600 F:978-422-3700 EUROPE: Anderson Power Products® Ltd., Unit 3, Europa Court, Europa Boulevard, Westbrook, Warrington, Cheshire, WA5 7TN United Kingdom T: +44 (0) 1925 428390 F: +44 (0) 1925 520203 ASIA / PACIFIC:IDEAL AndersonAsia Pacific Ltd., Unit 922-928 Topsail Plaza, 11 On Sum Street, Shatin N.T., Hong Kong T:+(852) 2636 0836 F:+(852) 2635 9036 CHINA:IDEALAnderson Technologies (Shenzhen) Ltd., Block A8 Tantou Western Industrial Park, Songgang Baoan District, Shenzhen, PR. China 518105 T: +(86) 755 2768 2118 F: +(86) 755 2768 2218 TAIWAN: IDEAL AndersonAsia Pacific Ltd.,Taiwan Branch, 4F.-2, No.116, Dadun 20th St., Situn District,Taichung City 407, Taiwan (R.O.C.) T: +(886) 4 2310 6451 F:+(886) 4 2310 6460 www.andersonpower.com PRODUCT SPECIFICATIONS ORDERING INFORMATION Anderson Power Products High Current printed circuit board (PCB) contact series, when utilized with the Powerpole® 15/45 connector housings, provides a reliable wire to PCB connection. They are UL Recognized at 45 amps, AC or DC. The connector may be configured in 1 and 2 row configurations, in both vertical and right angle mounted terminations. This connector provides an ideal solution for applications that require high current connections to a PCB. FEATURES • Current rating 45 amps Enables high current connections directly to the PCB • Vertical and right angle terminations Allows for design flexibility • High durability - Rated up to 1,500 cycles (no load) - Under Load (Hot Plug 250 cycles @ 120V) • Offered in pre-assembled 1 and 2 row configurations (See Ordering Information) - Reduces assembly costs of housings and contacts - Pre-assembled configurations prevent accidental separation of housings • Individual housings and contacts also sold separately - Allows for customization of configurations - Allows for color coding of housings to wires for ease of manufacturing High Power Connector Part Number Description PP45PC12S 1x2 vertical mount, short tail, black housing PP45PC13S 1x3 vertical mount, short tail, black housing PP45PC12R 1x2 horizontal, single row, right angle tail, black housing PP45PC13R 1x3 horizontal, single row, right angle tail, black housing PP45PC21R 2x1 horizontal, dual row, right angle tail, black housing PP45PC22R 2x2 horizontal, dual row, right angle tail, black housing PP45PC23R 2x3 horizontal, dual row, right angle tail, black housing High Power Contact Part Number Description 1335G1 Vertical mount, short tail contact 1336G1 Horizontal (Bottom), right angle mount 1337G1 Horizontal (Top), right angle mount Housings Only Part Number Description 1327 Red housing 1327G5 Green housing 1327G6 Black housing 1327G7 White housing 1327G8 Blue housing 1327G16 Yellow housing 1327G17 Orange housing 1327G18 Gray housing 1327G21 Brown housing 1327G22 Pink housing 1327G23 Purple housing UL Current Rating For Single Mated Pair 45 amps (for others see rating curves)* Max Recommended Voltage - (per IEC 60950-1) 150V (pollution degree 3) - 250V (pollution degree 2) Minimum Creepage 2.8mm Voltage Drop For Mated Pair ≤ 2.50 mV Connector Mating Force For Mated Pair 2 - 3 Lbf. PCB Footprint See following page PCB Thickness - in. [mm] 0.093 [2.4] - 0.125 [3.2] Contact Material Tin plating copper alloy Housing Material Polycarbonate 94 V-0 rated * See Temperature Rise Chart Accessories Part Number Description 1399G9 Red mounting wing 1399G8 Blue mounting wing 1399G1 Red short spacer with end hole 1399G2 Red long spacer 1399G6 Red short spacer without hole 110G68 PP15/45 retention clip 114555P1 Staple 1x1 (H x W) 114555P2 Staple 1x2 (H x W) 114555P3 Staple 1x3 (H x W) 114555P7 Staple 1x4 (H x W) 114555P8 Staple 1x6 (H x W) 114555P5 Staple 2x1 (H x W) 114555P6 Staple 2x2 (H x W) 114555P9 Staple 2x2 - long (H x W) Note: For additional colors please contact customer service. For finger proof housings see page 18. 45 amp High Power PCB Contacts |
Numéro de pièce similaire - PP45PC22R |
|
Description similaire - PP45PC22R |