Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F205RFT6 Fiches technique(PDF) 59 Page - STMicroelectronics

No de pièce STM32F205RFT6
Description  ARM®-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F205RFT6 Fiches technique(HTML) 59 Page - STMicroelectronics

Back Button STM32F205RFT6 Datasheet HTML 55Page - STMicroelectronics STM32F205RFT6 Datasheet HTML 56Page - STMicroelectronics STM32F205RFT6 Datasheet HTML 57Page - STMicroelectronics STM32F205RFT6 Datasheet HTML 58Page - STMicroelectronics STM32F205RFT6 Datasheet HTML 59Page - STMicroelectronics STM32F205RFT6 Datasheet HTML 60Page - STMicroelectronics STM32F205RFT6 Datasheet HTML 61Page - STMicroelectronics STM32F205RFT6 Datasheet HTML 62Page - STMicroelectronics STM32F205RFT6 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 184 page
background image
DocID15818 Rev 15
59/184
STM32F20xxx
Pinouts and pin description
183
PE5
-
A21
A21
-
Yes
PE6
-
A22
A22
-
Yes
PF0
A0
A0
-
-
-
PF1
A1
A1
-
-
-
PF2
A2
A2
-
-
-
PF3
A3
A3
-
-
-
PF4
A4
A4
-
-
-
PF5
A5
A5
-
-
-
PF6
NIORD
-
-
-
-
PF7
NREG
-
-
-
-
PF8
NIOWR
-
-
-
-
PF9
CD
-
-
-
-
PF10
INTR
-
-
-
-
PF12
A6
A6
-
-
-
PF13
A7
A7
-
-
-
PF14
A8
A8
-
-
-
PF15
A9
A9
-
-
-
PG0
A10
A10
-
-
-
PG1
-
A11
-
-
-
PE7
D4
D4
DA4
D4
Yes
PE8
D5
D5
DA5
D5
Yes
PE9
D6
D6
DA6
D6
Yes
PE10
D7
D7
DA7
D7
Yes
PE11
D8
D8
DA8
D8
Yes
PE12
D9
D9
DA9
D9
Yes
PE13
D10
D10
DA10
D10
Yes
PE14
D11
D11
DA11
D11
Yes
PE15
D12
D12
DA12
D12
Yes
PD8
D13
D13
DA13
D13
Yes
PD9
D14
D14
DA14
D14
Yes
PD10
D15
D15
DA15
D15
Yes
PD11
-
A16
A16
CLE
Yes
PD12
-
A17
A17
ALE
Yes
Table 9. FSMC pin definition (continued)
Pins
FSMC
LQFP100
CF
NOR/PSRAM/SRAM
NOR/PSRAM Mux
NAND 16 bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More