Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LK112SM18TR Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce LK112SM18TR
Description  Low noise low drop voltage regulator with shutdown function
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LK112SM18TR Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button LK112SM18TR Datasheet HTML 9Page - STMicroelectronics LK112SM18TR Datasheet HTML 10Page - STMicroelectronics LK112SM18TR Datasheet HTML 11Page - STMicroelectronics LK112SM18TR Datasheet HTML 12Page - STMicroelectronics LK112SM18TR Datasheet HTML 13Page - STMicroelectronics LK112SM18TR Datasheet HTML 14Page - STMicroelectronics LK112SM18TR Datasheet HTML 15Page - STMicroelectronics LK112SM18TR Datasheet HTML 16Page - STMicroelectronics LK112SM18TR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
LK112Sxx
Package mechanical data
13/18
Dim.
mm.
mils.
Min.
Typ.
Max.
Min.
Typ.
Max.
A0.90
1.45
35.4
57.1
A1
0.00
0.10
0.0
3.9
A2
0.901.30
35.4
51.2
b
0.35
0.50
13.7
19.7
C0.09
0.20
3.5
7.8
D2.80
3.00
110.2
118.1
E
1.50
1.75
59.0
68.8
e0.95
37.4
H
2.60
3.00
102.3
118.1
L
0.10
0.60
3.9
23.6
SOT23-5L mechanical data
7049676D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18