| Moteur de recherche de fiches techniques de composants électroniques |
|
SN74LVC828APW Fiches technique(PDF) 13 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SN74LVC828APW Fiches technique(HTML) 13 Page - Texas Instruments |
|
13 / 19 page ![]() www.ti.com EXAMPLE STENCIL DESIGN 24X (1.5) 24X (0.45) 22X (0.65) (5.8) (R0.05) TYP TSSOP - 1.2 mm max height PW0024A SMALL OUTLINE PACKAGE 4220208/A 02/2017 NOTES: (continued) 8. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate design recommendations. 9. Board assembly site may have different recommendations for stencil design. SOLDER PASTE EXAMPLE BASED ON 0.125 mm THICK STENCIL SCALE: 10X SYMM SYMM 1 12 13 24 |