| Moteur de recherche de fiches techniques de composants électroniques |
|
SN74LVC2G08 Fiches technique(PDF) 13 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SN74LVC2G08 Fiches technique(HTML) 13 Page - Texas Instruments |
|
13 / 26 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 23-May-2025 PACKAGING INFORMATION Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) SN74LVC2G08DCTR Active Production SSOP (DCT) | 8 3000 | LARGE T&R Yes NIPDAU | SN | NIPDAU Level-1-260C-UNLIM -40 to 125 (2WJ5, C08) (R, Z) SN74LVC2G08DCTR.B Active Production SSOP (DCT) | 8 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 (2WJ5, C08) (R, Z) SN74LVC2G08DCTRE4 Active Production SSOP (DCT) | 8 3000 | null Yes NIPDAU | NIPDAU Level-1-260C-UNLIM -40 to 125 C08 (R, Z) SN74LVC2G08DCTRE4.B Active Production SSOP (DCT) | 8 3000 | null Yes NIPDAU Level-1-260C-UNLIM -40 to 125 C08 (R, Z) SN74LVC2G08DCTRG4 Active Production SSOP (DCT) | 8 3000 | LARGE T&R Yes NIPDAU | NIPDAU Level-1-260C-UNLIM -40 to 125 C08 (R, Z) SN74LVC2G08DCTRG4.B Active Production SSOP (DCT) | 8 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 C08 (R, Z) SN74LVC2G08DCUR Active Production VSSOP (DCU) | 8 3000 | LARGE T&R Yes NIPDAU | SN Level-1-260C-UNLIM -40 to 125 (08, C08J, C08Q, C 08R) (CR, CZ) SN74LVC2G08DCUR.B Active Production VSSOP (DCU) | 8 3000 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 (08, C08J, C08Q, C 08R) (CR, CZ) SN74LVC2G08DCURE4 Active Production VSSOP (DCU) | 8 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 C08R SN74LVC2G08DCURG4 Active Production VSSOP (DCU) | 8 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 C08R SN74LVC2G08DCURG4.B Active Production VSSOP (DCU) | 8 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 C08R SN74LVC2G08DCUT Active Production VSSOP (DCU) | 8 250 | SMALL T&R Yes NIPDAU | SN Level-1-260C-UNLIM -40 to 125 (C08J, C08Q, C08R) CR SN74LVC2G08DCUT.B Active Production VSSOP (DCU) | 8 250 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 125 (C08J, C08Q, C08R) CR SN74LVC2G08DCUTG4 Active Production VSSOP (DCU) | 8 250 | SMALL T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 C08R SN74LVC2G08DCUTG4.B Active Production VSSOP (DCU) | 8 250 | SMALL T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 C08R SN74LVC2G08YZPR Active Production DSBGA (YZP) | 8 3000 | LARGE T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 85 (CE7, CEN) SN74LVC2G08YZPR.B Active Production DSBGA (YZP) | 8 3000 | LARGE T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 (CE7, CEN) (1) Status: For more details on status, see our product life cycle. Addendum-Page 1 |