Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F207VCT7V Fiches technique(PDF) 63 Page - STMicroelectronics

No de pièce STM32F207VCT7V
Description  ARM®-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F207VCT7V Fiches technique(HTML) 63 Page - STMicroelectronics

Back Button STM32F207VCT7V Datasheet HTML 59Page - STMicroelectronics STM32F207VCT7V Datasheet HTML 60Page - STMicroelectronics STM32F207VCT7V Datasheet HTML 61Page - STMicroelectronics STM32F207VCT7V Datasheet HTML 62Page - STMicroelectronics STM32F207VCT7V Datasheet HTML 63Page - STMicroelectronics STM32F207VCT7V Datasheet HTML 64Page - STMicroelectronics STM32F207VCT7V Datasheet HTML 65Page - STMicroelectronics STM32F207VCT7V Datasheet HTML 66Page - STMicroelectronics STM32F207VCT7V Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 184 page
background image
Port C
PC0
-
-
-
-
-
-
-
-
-
-
OTG_HS_ULPI_
STP
-
-
-
-
EVENTOUT
PC1
-
-
-
-
-
-
-
-
-
-
-
ETH_MDC
-
-
-
EVENTOUT
PC2
-
-
-
-
-
SPI2_MISO
-
-
-
-
OTG_HS_ULPI_
DIR
ETH _MII_TXD2
-
-
-
EVENTOUT
PC3
-
-
-
-
-
SPI2_MOSI
-
-
-
-
OTG_HS_ULPI_
NXT
ETH
_MII_TX_CLK
--
-
EVENTOUT
PC4
-
-
-
-
-
-
-
-
-
-
-
ETH_MII_RXD0
ETH_RMII_RXD0
--
-
EVENTOUT
PC5
-
-
-
-
-
-
-
-
-
-
-
ETH _MII_RXD1
ETH _RMII_RXD1
--
-
EVENTOUT
PC6
-
-
TIM3_CH1
TIM8_CH1
-
I2S2_MCK
-
-
USART6_TX
-
-
-
SDIO_D6
DCMI_D0
-
EVENTOUT
PC7
-
-
TIM3_CH2
TIM8_CH2
-
-
I2S3_MCK
-
USART6_RX
-
-
-
SDIO_D7
DCMI_D1
-
EVENTOUT
PC8
-
-
TIM3_CH3
TIM8_CH3
-
-
-
-
USART6_CK
-
-
-
SDIO_D0
DCMI_D2
-
EVENTOUT
PC9
MCO2
-
TIM3_CH4
TIM8_CH4
I2C3_SDA
I2S2_CKIN
I2S3_CKIN
-
-
-
-
-
SDIO_D1
DCMI_D3
-
EVENTOUT
PC10
-
-
-
-
-
-
SPI3_SCK
I2S3_SCK
USART3_TX
UART4_TX
-
-
-
SDIO_D2
DCMI_D8
-
EVENTOUT
PC11
-
-
-
-
-
-
SPI3_MISO
USART3_RX
UART4_RX
-
-
-
SDIO_D3
DCMI_D4
-
EVENTOUT
PC12
-
-
-
-
-
-
SPI3_MOSI
I2S3_SD
USART3_CK
UART5_TX
-
-
-
SDIO_CK
DCMI_D9
-
EVENTOUT
PC13
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
EVENTOUT
PC14-
OSC32_IN
--
-
-
-
-
-
-
-
-
-
-
-
-
-
EVENTOUT
PC15-
OSC32_OU
T
--
-
-
-
-
-
-
-
-
-
-
-
-
-
EVENTOUT
Table 10. Alternate function mapping (continued)
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10
AF11
AF12
AF13
AF014
AF15
SYS
TIM1/2
TIM3/4/5
TIM8/9/10/11
I2C1/I2C2/I2C3 SPI1/SPI2/I2S2
SPI3/I2S3
USART1/2/3
UART4/5/
USART6
CAN1/CAN2/
TIM12/13/14
OTG_FS/ OTG_HS
ETH
FSMC/SDIO/
OTG_HS
DCMI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More