Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DM-CENTRO-C Fiches technique(PDF) 9 Page - DemoPad Software Ltd

No de pièce DM-CENTRO-C
Description  DemoPad IP Gateway
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DEMOPAD [DemoPad Software Ltd]
Site Internet  http://www.demopad.com/
Logo DEMOPAD - DemoPad Software Ltd

DM-CENTRO-C Fiches technique(HTML) 9 Page - DemoPad Software Ltd

Back Button DM-CENTRO-C Datasheet HTML 4Page - DemoPad Software Ltd DM-CENTRO-C Datasheet HTML 5Page - DemoPad Software Ltd DM-CENTRO-C Datasheet HTML 6Page - DemoPad Software Ltd DM-CENTRO-C Datasheet HTML 7Page - DemoPad Software Ltd DM-CENTRO-C Datasheet HTML 8Page - DemoPad Software Ltd DM-CENTRO-C Datasheet HTML 9Page - DemoPad Software Ltd DM-CENTRO-C Datasheet HTML 10Page - DemoPad Software Ltd DM-CENTRO-C Datasheet HTML 11Page - DemoPad Software Ltd DM-CENTRO-C Datasheet HTML 12Page - DemoPad Software Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
5. SPECIFICATIONS
Power Supply :
12VDC
Weight (g) :
2209
Dimensions(mm):
430(W) x 180(D) x 50(H)
Operating Temperature :
0 ˚C ~ 30 ˚C / 32 ˚F ~ 86 ˚F
Storage Temperature:
−20 ˚C ~ 60 ˚C / −4 ˚F ~ 140 ˚F
Relative Humidity:
20 ~ 90% RH (non-condensing)
Power Consumption:
1.5 W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com