Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

R274-R274N-0576 Fiches technique(PDF) 6 Page - GIACOMINI WATER E-MOTION

No de pièce R274-R274N-0576
Description  6-way zone valves
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GIACOMINI [GIACOMINI WATER E-MOTION]
Site Internet  https://www.giacomini.com/en
Logo GIACOMINI - GIACOMINI WATER E-MOTION

R274-R274N-0576 Fiches technique(HTML) 6 Page - GIACOMINI WATER E-MOTION

  R274-R274N-0576 Datasheet HTML 1Page - GIACOMINI WATER E-MOTION R274-R274N-0576 Datasheet HTML 2Page - GIACOMINI WATER E-MOTION R274-R274N-0576 Datasheet HTML 3Page - GIACOMINI WATER E-MOTION R274-R274N-0576 Datasheet HTML 4Page - GIACOMINI WATER E-MOTION R274-R274N-0576 Datasheet HTML 5Page - GIACOMINI WATER E-MOTION R274-R274N-0576 Datasheet HTML 6Page - GIACOMINI WATER E-MOTION R274-R274N-0576 Datasheet HTML 7Page - GIACOMINI WATER E-MOTION R274-R274N-0576 Datasheet HTML 8Page - GIACOMINI WATER E-MOTION  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
Giacomini S.p.A.
Via per Alzo 39, 28017 San Maurizio d’Opaglio (NO) Italia
 consulenza.prodotti@giacomini.com
 +39 0322 923372 - giacomini.com
Installation
WARNING. The valve can be installed in any position but it’s important that the actuator is not in an upside-down position or with the power supply cable
coming in from above (to avoid possible problems due to possible condensation).
 NOTE. The two calibrated washers are used to balance the flow rate in the two circuits (from source 1 to user; from source 2 to user).
The two circuits may require different Kv values, so they can be used with two different models of calibrated washer (see table of calibrated washers on page 2).
Calibrated washers can be installed either on the delivery or on the return.
To install the washer it is necessary to manually insert the washer inside the valve fitting and then lock it by inserting the
Seeger ring (supplied with the washer) using a tweezers.
P21S calibrated washers installation
Calibrated washers for R274 and R274N of 1”:
R274Y045, R274Y145, R274Y023, R274Y024, R274Y025
Calibrated washers for R274N of 1/2”:
R274Y033, R274Y133
Maintenance
Once installed, the valve requires no maintenance. It is however recommended to periodically check the correct operation
of the actuator and check that there are no hydraulic leaks.
Seeger ring
Gasket
Tail piece
Calibrated washer
Seeger ring
Calibrated washer



Html Pages

1 2 3 4 5 6 7 8