Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD586 Fiches technique(PDF) 32 Page - Analog Devices

No de pièce AD586
Description  Complete Dual, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DACs
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD586 Fiches technique(HTML) 32 Page - Analog Devices

Back Button AD586 Datasheet HTML 25Page - Analog Devices AD586 Datasheet HTML 26Page - Analog Devices AD586 Datasheet HTML 27Page - Analog Devices AD586 Datasheet HTML 28Page - Analog Devices AD586 Datasheet HTML 29Page - Analog Devices AD586 Datasheet HTML 30Page - Analog Devices AD586 Datasheet HTML 31Page - Analog Devices AD586 Datasheet HTML 32Page - Analog Devices AD586 Datasheet HTML 33Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 32 / 33 page
background image
AD5762R
Preliminary Technical Data
Rev. PrA | Page 32 of 33
PIC16C6x/7x1
1ADDITIONAL PINS OMITTED FOR CLARITY
AD5762R1
SDO
SDI/RC4
SDIN
SDO/RC5
SCLK
SCLK/RC3
SYNC
RA1
Figure 47. AD5762R to PIC16C6x/7x Interface
EVALUATION BOARD
The AD5762R performance can be evaluated via the AD5764R
evaluation board.
The AD5764R comes with a full evaluation board to aid
designers in evaluating the high performance of the part with a
minimum of effort. All that is required with the evaluation
board is a power supply and a PC. The AD5764R evaluation kit
includes a populated, tested AD5764R printed circuit board.
The evaluation board interfaces to the USB interface of the PC.
Software is available with the evaluation board, which allows
the user to easily program the AD5764R. The software runs on
any PC that has Microsoft® Windows® 2000/XP installed.
An application note is available that gives full details on
operating the evaluation board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33