| Moteur de recherche de fiches techniques de composants électroniques |
|
SCE5745 Fiches technique(PDF) 15 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
SCE5745 Fiches technique(HTML) 15 Page - OSRAM GmbH |
|
15 / 16 page ![]() SCE5740, SCE5741, SCE5742, SCE5743, SCE5744, SCE5745 2006-03-30 15 IDOD5011 0.56 (0.022) IDOD5011 0.56 (0.022) IDOD5011 0.56 (0.022) Detail Drawing of SCE574xP (SIP configuration) Dimensions in inch (mm) Detail Drawing of SCE574xQ (SIP configuration with right angle bend Dimensions in inch (mm)) Pin Functions for SCE574xP and SCE574xQ Pin # Function Top View Typical Character 1 VCC 2 Load 3 Data 4 No Pin 5 SDCLK 6 RESET 7 GND IDOD5009 19.91 (0.784) 2.54 (0.100) 4 pl. 5 (0.197) 3 pl. 0.3 (0.012) 6 pl. SCE574XP Z OSRAM XXYY V 0.46 (0.018) 8 pl. 2.54 (0.100) 4 pl. Tol. Non Accum. Pin 1 Indicator Part Number Date Code EIA Luminous Intensity Code 5.08 (0.200) 1.22 (0.048) Unless otherwise specified, tolerance on dimensions is ±0.25 (0.010) IDOD5010 19.91 (0.784) SCE574XQ Z OSRAM XXYY V Pin 1 Indicator Number EIA Luminous Intensity Code Unless otherwise specified, 0.46 (0.018) 6 pl. 5.08 (0.200) 2.54 (0.100) 4 pl. Tol. Non Accum. Date Code ±0.51 (0.020) 4.06 (0.160) 1.22 (0.048) 5 (0.197) 3 pl. 2.54 (0.100) 4 pl. Part tolerance on dimensions is ±0.25 (0.010) IDPA5108 Pin 1 Pin 7 IDOD5011 0.56 (0.022) |