| Moteur de recherche de fiches techniques de composants électroniques |
|
SCE5742 Fiches technique(PDF) 14 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
SCE5742 Fiches technique(HTML) 14 Page - OSRAM GmbH |
|
14 / 16 page ![]() 2006-03-30 14 SCE5740, SCE5741, SCE5742, SCE5743, SCE5744, SCE5745 Detail Drawing of SCE574x Dimensions in inch (mm) Pin Functions for SCE574x Pin # Function Pin # Function Top View Typical Character 1 V CC 6 RESET 2 Load 7 GROUND 3 Data 8 CLK I/O 4 No Pin 9—13 No Pins 5 SDCLK 14 CLK SELECT Dimensions in inches (mm) Tolerance: .XXX=±.010 (.25) IDOD5007 19.91 (0.784) 2.54 (0.100) 5.00 (0.197) 7.62 (0.300) ±0.51 (0.020) ±0.05 (0.002) 0.3 (0.012) SCE574X Z OSRAM XXYY V 0.46 (0.018) 2.54 (0.100) 12 pl. Non cumulative Pin 1 Indicator Part Number Date Code EIA Luminous Intensity Code 3 pl. IDPA5107 Pin 1 Pin 7 Pin 14 Pin 8 IDOD5008 0.56 (0.022) |