Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SCE5744 Fiches technique(PDF) 14 Page - OSRAM GmbH

No de pièce SCE5744
Description  Dot Addressable Intelligent Display짰 Devices
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SCE5744 Fiches technique(HTML) 14 Page - OSRAM GmbH

Back Button SCE5744 Datasheet HTML 8Page - OSRAM GmbH SCE5744 Datasheet HTML 9Page - OSRAM GmbH SCE5744 Datasheet HTML 10Page - OSRAM GmbH SCE5744 Datasheet HTML 11Page - OSRAM GmbH SCE5744 Datasheet HTML 12Page - OSRAM GmbH SCE5744 Datasheet HTML 13Page - OSRAM GmbH SCE5744 Datasheet HTML 14Page - OSRAM GmbH SCE5744 Datasheet HTML 15Page - OSRAM GmbH SCE5744 Datasheet HTML 16Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
2006-03-30
14
SCE5740, SCE5741, SCE5742, SCE5743, SCE5744, SCE5745
Detail Drawing of SCE574x
Dimensions in inch (mm)
Pin Functions for SCE574x
Pin #
Function
Pin #
Function
Top View
Typical Character
1
V
CC
6
RESET
2
Load
7
GROUND
3
Data
8
CLK I/O
4
No Pin
9—13
No Pins
5
SDCLK
14
CLK
SELECT
Dimensions in
inches (mm)
Tolerance:
.XXX=±.010 (.25)
IDOD5007
19.91 (0.784)
2.54 (0.100) 5.00 (0.197)
7.62 (0.300) ±0.51 (0.020)
±0.05 (0.002)
0.3 (0.012)
SCE574X Z
OSRAM
XXYY
V
0.46 (0.018)
2.54 (0.100) 12 pl.
Non cumulative
Pin 1
Indicator
Part Number
Date Code
EIA
Luminous
Intensity Code
3 pl.
IDPA5107
Pin 1
Pin 7
Pin 14
Pin 8
IDOD5008
0.56 (0.022)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16