Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PDSP1880 Fiches technique(PDF) 2 Page - OSRAM GmbH

No de pièce PDSP1880
Description  Alphanumeric Programmable Display?
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

PDSP1880 Fiches technique(HTML) 2 Page - OSRAM GmbH

  PDSP1880 Datasheet HTML 1Page - OSRAM GmbH PDSP1880 Datasheet HTML 2Page - OSRAM GmbH PDSP1880 Datasheet HTML 3Page - OSRAM GmbH PDSP1880 Datasheet HTML 4Page - OSRAM GmbH PDSP1880 Datasheet HTML 5Page - OSRAM GmbH PDSP1880 Datasheet HTML 6Page - OSRAM GmbH PDSP1880 Datasheet HTML 7Page - OSRAM GmbH PDSP1880 Datasheet HTML 8Page - OSRAM GmbH PDSP1880 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2006-03-30
2
PDSP1880, PDSP1881, PDSP1882, PDSP1883, PDSP1884
Package Outlines
Dimensions in mm (inch)
Ordering Information
Type
Color of Emission
Character Height
mm (inch)
Ordering Code
PDSP1880
red
4.70 (0.180)
Q68000A9105
PDSP1881
yellow
Q68000A9106
PDSP1882
high efficiency red
Q68000A9107
PDSP1883
green
Q68000A9108
PDSP1884
high efficiency green
Q68000A9109
IDOD5014
02
13
5
46
7
2.54 (0.100)
L
C
2.68 (0.105)
CL
5.36 (0.211)
42.93 (1.690) max.
Identifier
Pin 1
5.71 (0.225)
0.3 (0.012) typ.
7.62 (0.300)
(Tol. non cum.)
±0.13 (0.005)
2.54 (0.100) typ.
Identifier
Pin 1
5.08 (0.200)
10.16 (0.400)
CL
0.46 (0.018) typ.
Pin 15
L
C
Date Code
YYWW
OSRAM
PDSP188X Z
LI Code
V
Indicator
Pin 1
Color Code
Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15