Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SCE5785 Fiches technique(PDF) 2 Page - OSRAM GmbH

No de pièce SCE5785
Description  Serial Input Dot Addressable Intelligent Display짰 Devices
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SCE5785 Fiches technique(HTML) 2 Page - OSRAM GmbH

  SCE5785 Datasheet HTML 1Page - OSRAM GmbH SCE5785 Datasheet HTML 2Page - OSRAM GmbH SCE5785 Datasheet HTML 3Page - OSRAM GmbH SCE5785 Datasheet HTML 4Page - OSRAM GmbH SCE5785 Datasheet HTML 5Page - OSRAM GmbH SCE5785 Datasheet HTML 6Page - OSRAM GmbH SCE5785 Datasheet HTML 7Page - OSRAM GmbH SCE5785 Datasheet HTML 8Page - OSRAM GmbH SCE5785 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2006-01-23
2
SCE5780
Package Outlines
Dimensions in mm (inch)
Ordering Information
Type
Color of Emission
Character Height
mm (inch)
Ordering Code
SCE5780
red
4.57 (0.180)
Q68000A9100
SCE5781
yellow
Q68000A9101
SCE5782
super-red
Q68000A9102
SCE5783
green
Q68000A9103
SCE5784
high efficiency green
Q68000A9104
SCE5785
soft orange
on request
SCE5786
InGaAlP Red
Q68000A1435
IDOD5216
2.54 (0.100)
2.68 (0.105)
42.93 (1.690) max.
5.36 (0.211)
CL
L
C
SCE578X Z
OSRAM
YYWW
V
L
C
0.46 (0.018) typ.
Pin 1
Pin 13
2.54 (0.100) typ.
±0.13 (0.005)
10.16 (0.400)
(Tol. non accum.)
Pin 1
Identifier
Date Code
Intensity Code
0.3 (0.012) typ.
7.62 (0.300)
5.71 (0.225)
Tolerance: ±0.25 (0.010)
02
13
5
46
7
Pin 1
Identifier
CL
unless otherwise specified



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15