Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32H523CCY6 Fiches technique(PDF) 89 Page - STMicroelectronics

No de pièce STM32H523CCY6
Description  Arm Cortex -M33 32-bit MCUTrustZone FPU, 375 DMIPS Arm Cortex -M33 32-bit MCUTrustZone FPU, 375 DMIPS
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H523CCY6 Fiches technique(HTML) 89 Page - STMicroelectronics

Back Button STM32H523CCY6 Datasheet HTML 85Page - STMicroelectronics STM32H523CCY6 Datasheet HTML 86Page - STMicroelectronics STM32H523CCY6 Datasheet HTML 87Page - STMicroelectronics STM32H523CCY6 Datasheet HTML 88Page - STMicroelectronics STM32H523CCY6 Datasheet HTML 89Page - STMicroelectronics STM32H523CCY6 Datasheet HTML 90Page - STMicroelectronics STM32H523CCY6 Datasheet HTML 91Page - STMicroelectronics STM32H523CCY6 Datasheet HTML 92Page - STMicroelectronics STM32H523CCY6 Datasheet HTML 93Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 228 page
background image
PD0
UART4_RX
FDCAN1_RX
-
-
FMC_D2/FMC_AD2
-
-
EVENTOUT
PD1
UART4_TX
FDCAN1_TX
-
-
FMC_D3/FMC_AD3
-
-
EVENTOUT
PD2
UART5_RX
-
-
-
SDMMC1_CMD
DCMI_D11/PSSI_D11
-
EVENTOUT
PD3
-
-
-
-
FMC_CLK
DCMI_D5/PSSI_D5
-
EVENTOUT
PD4
-
-
OCTOSPI1_IO4
-
FMC_NOE
-
-
EVENTOUT
PD5
-
FDCAN1_TX
OCTOSPI1_IO5
-
FMC_NWE
-
-
EVENTOUT
PD6
-
-
OCTOSPI1_IO6
SDMMC1_CK
FMC_NWAIT
DCMI_D10/PSSI_D10
-
EVENTOUT
PD7
-
-
OCTOSPI1_IO7
SDMMC1_CMD
FMC_NE1/FMC_NCE
-
-
EVENTOUT
PD8
-
-
-
-
FMC_D13/FMC_AD13
-
-
EVENTOUT
PD9
-
FDCAN2_RX
-
-
FMC_D14/FMC_AD14
-
-
EVENTOUT
PD10
-
-
-
-
FMC_D15/FMC_AD15
-
-
EVENTOUT
PD11
UART4_RX
OCTOSPI1_IO0
-
-
FMC_A16/FMC_CLE
-
-
EVENTOUT
PD12
UART4_TX
OCTOSPI1_IO1
-
-
FMC_A17/FMC_ALE
DCMI_D12/PSSI_D12
-
EVENTOUT
PD13
-
OCTOSPI1_IO3
-
-
FMC_A18
DCMI_D13/PSSI_D13
-
EVENTOUT
PD14
-
-
-
-
FMC_D0/FMC_AD0
-
-
EVENTOUT
PD15
-
-
-
-
FMC_D1/FMC_AD1
-
-
EVENTOUT
Table 15. Alternate function AF8 to AF15(1) (continued)
Port
AF8
AF9
AF10
AF11
AF12
AF13
AF14
AF15
LPUART1/S
DMMC1/UA
RT4/5
FDCAN1/2/FMC[NAND16)/
FMC[NORmux)/FMC[NOR_RAM)/
I2C3/I3C2/OCTOSPI
CRS/FMC[NAND1
6)/I3C2/OCTOSPI/
SDMMC1/USB_
FMC[NAND16)/
OCTOSPI/SDM
MC1/USB_PD
FMC[NAND16)/FMC
[NORmux)/FMC[NO
R_RAM)/SDMMC1
DCMI/FMC[NAND16
)/FMC[NORmux)/FM
C[NOR_RAM)
TIM2/UART
5/USART6
SYS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More