| Moteur de recherche de fiches techniques de composants électroniques |
|
SCE5782 Fiches technique(PDF) 2 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
SCE5782 Fiches technique(HTML) 2 Page - OSRAM GmbH |
|
2 / 15 page ![]() 2006-01-23 2 SCE5780 Package Outlines Dimensions in mm (inch) Ordering Information Type Color of Emission Character Height mm (inch) Ordering Code SCE5780 red 4.57 (0.180) Q68000A9100 SCE5781 yellow Q68000A9101 SCE5782 super-red Q68000A9102 SCE5783 green Q68000A9103 SCE5784 high efficiency green Q68000A9104 SCE5785 soft orange on request SCE5786 InGaAlP Red Q68000A1435 IDOD5216 2.54 (0.100) 2.68 (0.105) 42.93 (1.690) max. 5.36 (0.211) CL L C SCE578X Z OSRAM YYWW V L C 0.46 (0.018) typ. Pin 1 Pin 13 2.54 (0.100) typ. ±0.13 (0.005) 10.16 (0.400) (Tol. non accum.) Pin 1 Identifier Date Code Intensity Code 0.3 (0.012) typ. 7.62 (0.300) 5.71 (0.225) Tolerance: ±0.25 (0.010) 02 13 5 46 7 Pin 1 Identifier CL unless otherwise specified |