Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MB1841 Fiches technique(PDF) 6 Page - STMicroelectronics

No de pièce MB1841
Description  STM32 Nucleo-64 boards
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MB1841 Fiches technique(HTML) 6 Page - STMicroelectronics

  MB1841 Datasheet HTML 1Page - STMicroelectronics MB1841 Datasheet HTML 2Page - STMicroelectronics MB1841 Datasheet HTML 3Page - STMicroelectronics MB1841 Datasheet HTML 4Page - STMicroelectronics MB1841 Datasheet HTML 5Page - STMicroelectronics MB1841 Datasheet HTML 6Page - STMicroelectronics MB1841 Datasheet HTML 7Page - STMicroelectronics MB1841 Datasheet HTML 8Page - STMicroelectronics MB1841 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
2
Development environment
STM32 32-bit microcontrollers are based on the Arm® Cortex®-M processor.
Note:
Arm is a registered trademark of Arm Limited (or its subsidiaries) in the US and/or elsewhere.
2.1
System requirements
•
Multi
‑OS support: Windows® 10, Linux® 64-bit, or macOS®
•
USB Type-A or USB Type-C® to Micro-B cable, or USB Type-A or USB Type-C® to Mini-B cable, or USB
Type-A or USB Type-C® to USB Type-C® cable (depending on the board reference)
Note:
macOS® is a trademark of Apple Inc., registered in the U.S. and other countries and regions.
Linux® is a registered trademark of Linus Torvalds.
Windows is a trademark of the Microsoft group of companies.
2.2
Development toolchains
•
IAR Systems® - IAR Embedded Workbench®(1)
•
Keil® - MDK-ARM(1)
•
STMicroelectronics - STM32CubeIDE
1. On Windows® only.
2.3
Demonstration software
The demonstration software, included in the STM32Cube MCU Package corresponding to the on-board
microcontroller, is preloaded in the STM32 flash memory for easy demonstration of the device peripherals in
standalone mode. The latest versions of the demonstration source code and associated documentation can be
downloaded from www.st.com.
NUCLEO
‑XXXXCX NUCLEO‑XXXXRX NUCLEO‑XXXXRX‑P NUCLEO-XXXXRX-Q
Development environment
DB2196 - Rev 17
page 6/9



Html Pages

1 2 3 4 5 6 7 8 9