| Moteur de recherche de fiches techniques de composants électroniques |
|
R99-R99I-0159 Fiches technique(PDF) 3 Page - GIACOMINI WATER E-MOTION |
|
|
|||||||||||||||||||||||||||||
R99-R99I-0159 Fiches technique(HTML) 3 Page - GIACOMINI WATER E-MOTION |
|
3 / 4 page ![]() 3 Giacomini S.p.A. Via per Alzo 39, 28017 San Maurizio d’Opaglio (NO) Italia consulenza.prodotti@giacomini.com +39 0322 923372 - giacomini.com Operation The operation of the automatic air vent valve is very simple and it is based on the principle of the floating of bodies immersed in a fluid. When there is no air accumulation into the valve body, the float (A) is in raised position and through the mechanism, it keeps the stopper under closing. The lowering of the floating level caused by the air accumulation into the valve body, involves the stopper opening and the consequent discharge that persists up to the reintroduction of the normal conditions. If there is a lot of air in the system, the float is completely lowered and allows the air to flow out more quickly. The air discharge is prevented by screwing the lateral plug. In normal operation conditions, the plug shall be unscrewed. WATER WATER AIR AIR AIR AIR A A AIR WATER WATER AIR AIR AIR AIR A A AIR Dimensions R99 B A B A PRODUCT CODE A B [mm] C [mm] D [mm] R99Y001 G 1/4”M 48 74 8 R99Y002 G 3/8”M 48 74 8 R99Y003 G 1/2”M 48 75 - PRODUCT CODE A B [mm] C [mm] R99Y033 Ø 15 48 82 R99I B A PRODUCT CODE A B [mm] C [mm] D [mm] R99IY002 G 3/8”M 48 81 25 R99IY003 R 1/2” 48 81 25 |