| Moteur de recherche de fiches techniques de composants électroniques |
|
SFH482-1/2 Fiches technique(PDF) 7 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
SFH482-1/2 Fiches technique(HTML) 7 Page - OSRAM GmbH |
|
7 / 9 page ![]() SFH 480, SFH 481, SFH 482 2001-10-01 7 Relative Spectral Emission I rel = f (λ) Forward Current , I F = f (VF) Single pulse, t p = 20 µs 0 750 Ι rel OHR00877 800 850 900 950 nm 1000 20 40 60 80 % 100 λ 10 OHR01173 F V -3 -2 10 -1 10 0 10 1 10 0 A Ι F 1 2 3 4 5 Radiant Intensity Single pulse, t p = 20 µs Permissible Pulse Handling Capability I F = f (τ), TC = 25 °C, duty cycle D = parameter I e I e 100 mA = f (I F) 10 OHR00878 Ι e F Ι -3 -2 10 -1 10 0 10 1 10 2 10 0 10 10 1 10 2 10 4 mA e Ι (100mA) 3 10 t OHR00948 p -5 10 10 2 Ι F 10 3 10 4 10 -4 10 -3 10 -2 10 -1 10 0 s 5 DC 0.2 0.5 0.1 0.005 0.01 0.02 0.05 t p T Ι F t p T D = 5 mA D = Max. Permissible Forward Current SFH 481, I F = f (TA, TC) Max. Permissible Forward Current SFH 480, SFH 482, I F = f (TA, TC) T OHR00946 A 0 F Ι 0 20 40 60 80 100 ˚C 40 80 120 160 200 mA 240 , T C = 450 K/W thJA R R thJC = 160 K/W T OHR00396 A 0 F Ι 0 ˚C 40 80 120 160 200 mA 240 , T C = 450 K/W thJA R R thJC = 160 K/W 20 40 60 80 100 130 |