Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST75185CDR Fiches technique(PDF) 16 Page - STMicroelectronics

No de pièce ST75185CDR
Description  Multiple RS-232 drivers and receivers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST75185CDR Fiches technique(HTML) 16 Page - STMicroelectronics

Back Button ST75185CDR Datasheet HTML 12Page - STMicroelectronics ST75185CDR Datasheet HTML 13Page - STMicroelectronics ST75185CDR Datasheet HTML 14Page - STMicroelectronics ST75185CDR Datasheet HTML 15Page - STMicroelectronics ST75185CDR Datasheet HTML 16Page - STMicroelectronics ST75185CDR Datasheet HTML 17Page - STMicroelectronics ST75185CDR Datasheet HTML 18Page - STMicroelectronics ST75185CDR Datasheet HTML 19Page - STMicroelectronics ST75185CDR Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
Package mechanical data
ST75185C
16/22
7
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a lead-free second level interconnect. The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22