| Moteur de recherche de fiches techniques de composants électroniques |
|
SFH302 Fiches technique(PDF) 6 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
SFH302 Fiches technique(HTML) 6 Page - OSRAM GmbH |
|
6 / 6 page ![]() 2001-02-22 6 SFH 302 Maßzeichnung Package Outlines Maße werden wie folgt angegeben: mm (inch) / Dimensions are specified as follows: mm (inch). Published by OSRAM Opto Semiconductors GmbH & Co. OHG Wernerwerkstrasse 2, D-93049 Regensburg © All Rights Reserved. Attention please! The information describes the type of component and shall not be considered as assured characteristics. Terms of delivery and rights to change design reserved. Due to technical requirements components may contain dangerous substances. For information on the types in question please contact our Sales Organization. Packing Please use the recycling operators known to you. We can also help you – get in touch with your nearest sales office. By agreement we will take packing material back, if it is sorted. You must bear the costs of transport. For packing material that is returned to us unsorted or which we are not obliged to accept, we shall have to invoice you for any costs incurred. Components used in life-support devices or systems must be expressly authorized for such purpose! Critical components 1 , may only be used in life-support devices or systems 2 with the express written approval of OSRAM OS. 1 A critical component is a component usedin a life-support device or system whose failure can reasonably be expected to cause the failure of that life-support device or system, or to affect its safety or effectiveness of that device or system. 2 Life support devices or systems are intended (a) to be implanted in the human body, or (b) to support and/or maintain and sustain human life. If they fail, it is reasonable to assume that the health of the user may be endangered. 3.6 (0.142) 3.0 (0.118) GETY6017 1.1 (0.043) 0.9 (0.035) 0.9 (0.035) 1.1 (0.043) ø5.2 (0.205) ø5.5 (0.217) E C B ø0.45 (0.018) (2.7 (0.106)) Chip position sensitive area Radiant 14.5 (0.571) 12.5 (0.492) |