Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DTP Fiches technique(PDF) 2 Page - TE Connectivity Ltd

No de pièce DTP
Description  DT Series Technical Manual
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TEC [TE Connectivity Ltd]
Site Internet  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

DTP Fiches technique(HTML) 2 Page - TE Connectivity Ltd

  DTP Datasheet HTML 1Page - TE Connectivity Ltd DTP Datasheet HTML 2Page - TE Connectivity Ltd DTP Datasheet HTML 3Page - TE Connectivity Ltd DTP Datasheet HTML 4Page - TE Connectivity Ltd DTP Datasheet HTML 5Page - TE Connectivity Ltd DTP Datasheet HTML 6Page - TE Connectivity Ltd DTP Datasheet HTML 7Page - TE Connectivity Ltd DTP Datasheet HTML 8Page - TE Connectivity Ltd DTP Datasheet HTML 9Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Table of Contents
Introduction
Features & Benefits
Product Line Overview
Material Specifications
General Specifications
Ordering Information
Insert Arrangements
Contacts & Application Data
2, 3
3
4
5
5
6
7, 8
9
DT Series Technical Manual
2
Contact Retention System
Assembly Contact Insertion / Removal
Accessories
Shrink Boot Adaptor
Removal Tools / Sealing Plugs
DT Mounting Clips
Back Shells
10
11
12
12
12
13
14, 15
Deutsch DTM Series
Deutsch DTM Series of transportation connectors feature a
miniature contact with an enhanced design based on the
world class, field-proven Deutsch DT Series.
The DTM is the connector to be used in harsh environmental
application where reliable signal circuits are critical to
operating performance. Typical applications include on or
around the engine, the transmission and under the hood.
Environmentally-Sealed Transportation Connectors
Deutsch DT Series
An environmentally-sealed connector designed specifically for
cable to cable applications on the engine or transmission, under
the hood, on the chassis or in the cab. On signal level circuits in
harsh environmental conditions, where even a small degradation
in connection may be critical, the Deutsch DT Series general
purpose connectors will provide the reliability and performance
at the lowest cost.
A STEP AHEAD
DT Series Manual #50907.indd 2
7/31/2008 5:14:33 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16